Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6-104894-0 Arkusz danych(PDF) 7 Page - Tyco Electronics

Numer części 6-104894-0
Szczegółowy opis  Fine Pitch SMT Stacking Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104894-0 Arkusz danych(HTML) 7 Page - Tyco Electronics

Back Button 6-104894-0 Datasheet HTML 3Page - Tyco Electronics 6-104894-0 Datasheet HTML 4Page - Tyco Electronics 6-104894-0 Datasheet HTML 5Page - Tyco Electronics 6-104894-0 Datasheet HTML 6Page - Tyco Electronics 6-104894-0 Datasheet HTML 7Page - Tyco Electronics 6-104894-0 Datasheet HTML 8Page - Tyco Electronics 6-104894-0 Datasheet HTML 9Page - Tyco Electronics 6-104894-0 Datasheet HTML 10Page - Tyco Electronics 6-104894-0 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
94
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
Board-to-Board Right Angle Headers
AMPMODU 50/50 Grid
Right Angle Headers will
accommodate a variety of
high density packaging
applications; right angle
board-to-board applications
when mated with vertical
receptacles (page 91) and
right angle cable-to-board
applications when mated
with cable connectors
(page 97). The small
1.27 x 1.27 [.050 x .050]
centerline contact spacing
allows efficient use of the
PC board area.
Mechanical support of the
headers to the PC board is
provided by non-protrusive
metallic holddowns
designed for 1.57 [.062] or
thicker PC boards. These
holddowns are of the same
design as those used in the
vertical headers (page 92)
and receptacles (page 91).
There are also metallic tabs
that are soldered to the sur-
faces of the PC board pads
for added support.
AMPMODU 50/50 Grid
Right Angle Headers are
available in dual-row, in
either latching or non-
latching versions, and in
sizes ranging from 10
through 100 positions (in
10 position increments).
The latching version pro-
vides positive retention
when mated with the latch-
ing cable connector (page
97). All headers feature
polarization to help prevent
misalignment during mating.
Product Facts
Surface-mount products for
right angle board-to-board
and cable-to-board
applications
Dual-row, right angle
shrouded headers
High density 1.27 x 1.27
[.050 x .050] centerline grid
Latching and non-latching
versions available
Non-protrusive metallic
holddowns
Metallic tabs, when
soldered to PC board pad,
provide added mechanical
support
Duplex plated post contacts;
gold plated on mating area,
tin plated on tails
Compatible with standard
surface-mount processing
(VPR and IR)
Standoffs on header
housings allow for drainage
of processing fluids
All headers are polarized
Sizes of 10, 20, 30, 40, 50,
60, 70, 80 and 100 positions
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
Certified by Canadian
Standards
Association
File No. LR7189
R
R
See Catalog 1307819 for
additional AMPMODU product
offerings.


Podobny numer części - 6-104894-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
6-104894-0 MACOM-6-104894-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
More results

Podobny opis - 6-104894-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVX Corporation
14-5602-030-000-829 AVX-14-5602-030-000-829 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
5602 AVX-5602 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
   Fine Pitch SMT Board to Board Connectors
logo
Omron Electronics LLC
XH4A OMRON-XH4A Datasheet
885Kb / 8P
   Half-pitch Low-profile Stacking Connectors
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
Molex Electronics Ltd.
5024305010 MOLEX11-5024305010 Datasheet
485Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking
5015313410 MOLEX11-5015313410 Datasheet
227Kb / 5P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.30mm (.051") Stacking
5024302230 MOLEX11-5024302230 Datasheet
526Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
5024302030 MOLEX11-5024302030 Datasheet
527Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com