Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN6754WAMLMY Arkusz danych(PDF) 11 Page - Fairchild Semiconductor

Numer części FAN6754WAMLMY
Szczegółowy opis  Highly Integrated Green-Mode PWM Controller Brownout and VLimit Adjustment by HV Pin
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6754WAMLMY Arkusz danych(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN6754WAMLMY Datasheet HTML 7Page - Fairchild Semiconductor FAN6754WAMLMY Datasheet HTML 8Page - Fairchild Semiconductor FAN6754WAMLMY Datasheet HTML 9Page - Fairchild Semiconductor FAN6754WAMLMY Datasheet HTML 10Page - Fairchild Semiconductor FAN6754WAMLMY Datasheet HTML 11Page - Fairchild Semiconductor FAN6754WAMLMY Datasheet HTML 12Page - Fairchild Semiconductor FAN6754WAMLMY Datasheet HTML 13Page - Fairchild Semiconductor FAN6754WAMLMY Datasheet HTML 14Page - Fairchild Semiconductor FAN6754WAMLMY Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6754WA • Rev. 1.0.6
11
Functional Description
Startup Current
For startup, the HV pin is connected to the line input
through an external diode and resistor; RHV, (1N4007 /
200 kΩ recommended). Peak startup current drawn
from the HV pin is (VAC× 2 ) / RHV and charges the hold-
up capacitor through the diode and resistor. When the
VDD capacitor level reaches VDD-ON, the startup current
switches off. At this moment, the VDD capacitor only
supplies the FAN6754WA to keep the VDD until the
auxiliary winding of the main transformer provides the
operating current.
Operating Current
Operating current is around 1.5 mA. The low operating
current enables better efficiency and reduces the
requirement of VDD hold-up capacitance.
Green-Mode Operation
The proprietary Green-Mode function provides off-time
modulation to reduce the switching frequency in light-
load and no-load conditions. VFB, which is derived from
the voltage feedback loop, is taken as the reference.
Once VFB is lower than the threshold voltage (VFB-N), the
switching frequency is continuously decreased to the
minimum Green-Mode frequency of around 22 kHz.
Current Sensing / PWM Current Limiting
Peak-current-mode control is utilized to regulate output
voltage and provide pulse-by-pulse current limiting. The
switch current is detected by a sense resistor into the
SENSE pin. The PWM duty cycle is determined by this
current-sense signal and VFB, the feedback voltage.
When the voltage on the SENSE pin reaches around
VCOMP = (VFB–0.6)/4, the switch cycle is terminated
immediately. VCOMP is internally clamped to a variable
voltage around 0.46 V for low-line output power limit.
Leading-Edge Blanking (LEB)
Each time the power MOSFET is switched on, a turn-on
spike occurs on the sense-resistor. To avoid premature
termination of the switching pulse, a leading-edge
blanking time is built in. During this blanking period, the
current-limit comparator is disabled and cannot switch
off the gate driver.
Under-Voltage Lockout (UVLO)
The turn-on and turn-off thresholds are fixed internally at
17V and 10V, respectively. During startup, the hold-up
capacitor must be charged to 17 V through the startup
resistor to enable the IC. The hold-up capacitor
continues to supply VDD until the energy can be
delivered from auxiliary winding of the main transformer.
VDD must not drop below 10 V during startup. This
UVLO hysteresis window ensures that hold-up capacitor
is adequate to supply VDD during startup.
Gate Output / Soft Driving
The BiCMOS output stage is a fast totem-pole gate
driver. Cross conduction has been avoided to minimize
heat dissipation, increase efficiency, and enhance
reliability. The output driver is clamped by an internal
13 V Zener diode to protect power MOSFET transistors
against undesirable gate over voltage. A soft driving
waveform is implemented to minimize EMI.
Soft-Start
For many applications, it is necessary to minimize the
inrush current at startup. The built-in 8ms soft-start
circuit significantly reduces the startup current spike and
output voltage overshoot.
Slope Compensation
The sensed voltage across the current-sense resistor is
used for peak-current-mode control and cycle-by-cycle
current limiting. Built-in slope compensation improves
stability
and
prevents
sub-harmonic
oscillation.
FAN6754WA inserts a synchronized, positive-going,
ramp at every switching cycle.
Constant Output Power Limit
When the SENSE voltage across sense resistor RSENSE
reaches the threshold voltage, around 0.46 V for low-
line condition, the output GATE drive is turned off after a
small delay, tPD. This delay introduces an additional
current proportional to tPD • VIN / LP. Since the delay is
nearly constant, regardless of the input voltage VIN,
higher input voltage results in larger additional power.
Therefore, the maximum output power at high line is
higher than that of low line. To compensate this
variation for a wide AC input range, a power-limiter is
controlled by the HV pin to solve the unequal power-limit
problem. The power limiter is fed to the inverting input of
the current limiting comparator. This results in a lower
current limit at high-line inputs than at low-line inputs.
Brownout and Constant Power Limited by
the HV Pin
Unlike previous PWM controllers, the FAN6754WA HV
pin can detect the AC line voltage to perform brownout
protection and line compensation for power limit. Using
a fast diode and startup resistor to sample the AC line
voltage, the peak value refreshes and is stored in a
register at each sampling cycle. When internal update
time is met, this peak value is used for brownout and
current-limit level judgment. Equation (1) and (2)
calculate the level of brown-in or brownout converted to
RMS value. For power saving, FAN6754WA enlarges
the sampling cycle to lower the power loss from HV
sampling at light-load condition.
2
/
)
1.6
1.6)
(R
0.9V
(
(RMS)
V
HV
ON
-
AC
(1)
2
/
)
1.6
1.6)
(R
0.81V
(
(RMS)
V
HV
OFF
-
AC
(2)
where RHV is in k.


Podobny numer części - FAN6754WAMLMY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN6754WAMLMY ONSEMI-FAN6754WAMLMY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
Febuary 2013 Rev. 1.0.6
More results

Podobny opis - FAN6754WAMLMY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15