Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG1636 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADG1636
Szczegółowy opis  1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG1636 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADG1636 Datasheet HTML 7Page - Analog Devices ADG1636 Datasheet HTML 8Page - Analog Devices ADG1636 Datasheet HTML 9Page - Analog Devices ADG1636 Datasheet HTML 10Page - Analog Devices ADG1636 Datasheet HTML 11Page - Analog Devices ADG1636 Datasheet HTML 12Page - Analog Devices ADG1636 Datasheet HTML 13Page - Analog Devices ADG1636 Datasheet HTML 14Page - Analog Devices ADG1636 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG1636
Rev. A | Page 11 of 16
TEMPERATURE (°C)
–15
–10
–5
0
5
10
15
0
20406080
100
120
ID (OFF) +, –
ID, IS (ON) +, +
ID (OFF) –, +
IS (OFF) +, –
IS (OFF) –, +
ID, IS (ON) –, –
Figure 11. Leakage Currents as a Function of Temperature, ±5 V Dual Supply
TEMPERATURE (°C)
0
20406080
100
120
ID (OFF) +, –
ID, IS (ON) +, +
ID (OFF) –, +
IS (OFF) +, –
IS (OFF) –, +
ID, IS (ON) –, –
–15
–10
–5
0
5
10
15
20
Figure 12. Leakage Currents as a Function of Temperature,
12 V Single Supply
–5
0
5
10
15
20
0
204060
80
100
120
TEMPERATURE (°C)
ID, IS (OFF) +, +
ID, IS (OFF) –, –
ID (OFF) –, +
IS (OFF) +, –
ID (OFF) +, –
IS (OFF) –, +
Figure 13. Leakage Currents as a Function of Temperature,
5 V Single Supply
0
20
40
60
80
100
120
TEMPERATURE (°C)
ID, IS (OFF) +, +
ID, IS (OFF) –, –
ID (OFF) –, +
IS (OFF) +, –
ID (OFF) +, –
IS (OFF) –, +
–4
–2
0
2
4
6
8
10
12
14
16
18
Figure 14. Leakage Currents as a Function of Temperature,
3.3 V Single Supply
–100
0
100
200
300
400
500
600
024
68
10
12
14
LOGIC (V)
IDD PER CHANNEL
TA = 25°C
IDD = +12V
ISS = 0V
IDD = +5V
ISS = –5V
IDD = +5V
ISS = 0V
IDD = +3.3V
ISS = 0V
Figure 15. IDD vs. Logic Level
0
50
100
150
200
250
300
–6
–4
–2
0
2
4
6
8
10
12
14
VS (V)
VDD = +12V
VSS = 0V
VDD = +5V
VSS = 0V
VDD = +3.3V
VSS = 0V
VDD = +5V
VSS = –5V
Figure 16. Charge Injection vs. Source Voltage


Podobny numer części - ADG1636

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1636BCPZ-REEL AD-ADG1636BCPZ-REEL Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BCPZ-REEL7 AD-ADG1636BCPZ-REEL7 Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BRUZ AD-ADG1636BRUZ Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BRUZ-REEL AD-ADG1636BRUZ-REEL Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BRUZ-REEL7 AD-ADG1636BRUZ-REEL7 Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
More results

Podobny opis - ADG1636

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
logo
Vishay Siliconix
DG417LE VISHAY-DG417LE_V01 Datasheet
346Kb / 19P
   6 ??On-Resistance, 12 V, 짹 5 V, 5 V, 3 V, SPST and SPDT Switches
01-Jan-2022
logo
Analog Devices
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com