Zakładka z wyszukiwarką danych komponentów |
|
TIP32B Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
TIP32B Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 5 page © 2008 Fairchild Semiconductor Corporation www.fairchildsemi.com TIP32/TIP32A/TIP32B/TIP32C Rev. A 1 July 2008 TIP32/TIP32A/TIP32B/TIP32C PNP Epitaxial Silicon Transistor Features • Complementary to TIP31/TIP31A/TIP31B/TIP31C Absolute Maximum Ratings T C=25°C unless otherwise noted Symbol Parameter Value Units VCBO Collector-Base Voltage : TIP32 : TIP32A : TIP32B : TIP32C - 40 - 60 - 80 - 100 V V V V VCEO Collector-Emitter Voltage : TIP32 : TIP32A : TIP32B : TIP32C - 40 - 60 - 80 -100 V V V V VEBO Emitter-Base Voltage - 5 V IC Collector Current (DC) - 3 A ICP Collector Current (Pulse) - 5 A IB Base Current - 3 A PC Collector Dissipation (TC=25°C) 40 W Collector Dissipation (Ta=25°C) 2 W TJ Junction Temperature 150 °C TSTG Storage Temperature - 65 ~ 150 °C 1. Base 2. Collector 3. Emitter |
Podobny numer części - TIP32B |
|
Podobny opis - TIP32B |