Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAR0805 Arkusz danych(PDF) 2 Page - Riedon Powertron

Numer części CAR0805
Szczegółowy opis  Thin Film Precision Chip Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RIEDON [Riedon Powertron]
Strona internetowa  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CAR0805 Arkusz danych(HTML) 2 Page - Riedon Powertron

  CAR0805 Datasheet HTML 1Page - Riedon Powertron CAR0805 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
09/13
Environmental Characteristics
Test
Requirement
Conditions
Tol. < 0.05%
Tol. >0.05%
TCR
As Spec.
+25/-55/+25/+125/+25°C
Short Time Overload
ΔR±0.05%
ΔR±0.2%
RCWV*2.5 or Max. overload voltage for 5 seconds
ΔR±0.2% for high power rating
Insulation Resistance
>1000 MΩ
Apply 100VDC for 1 minute
Load Life
ΔR±0.05%
ΔR±0.2%
70±2°C, Max. working voltage for 1000 hrs with 1.5 hrs
“ON” and 0.5 hrs “OFF”
>7kΩ ΔR±0.5%
ΔR±0.5% for high power rating
Damp Heat with Load
ΔR±0.05%
ΔR±0.3%
40±2°C, 90~95% R.H. Max. working voltage for 1000
hrs with 1.5 hrs “ON” and 0.5 hrs “OFF”
ΔR±0.5% for high power rating
Bending Strength
ΔR±0.05%
ΔR±0.2%
Bending amplitude 3 mm for 10 seconds
Solderability
95% min. coverage
245±5°C for 3 seconds
Resistance to Soldering Heat
ΔR±0.05%
ΔR±0.2%
260±5°C for 10 seconds
Thermal Shock
ΔR±0.05%
ΔR±0.25%
-55°C~150°C, 100 cycles
Low Temperature Operation
ΔR±0.05%
ΔR±0.2%
1 hour, -65°C, followed by 45 minutes of RCWV
ΔR±0.5% for high power rating
Power Derating Curve
0
20
40
60
80
100
0
20
40
60
70
80 100 120 140 155
Ambient Temperature (°C)
CAR Series
Thin Film Precision Chip Resistor


Podobny numer części - CAR0805

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Riedon Powertron
CAR0805 RIEDON-CAR0805 Datasheet
251Kb / 1P
   Thin Film Precisionion Chip Resistor
CAR0805 RIEDON-CAR0805 Datasheet
145Kb / 3P
   CAR Series
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
More results

Podobny opis - CAR0805

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
   Precision Thin Film Nichrome Chip Resistor
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com