Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GST1210 Arkusz danych(PDF) 2 Page - Riedon Powertron

Numer części GST1210
Szczegółowy opis  High Resistance / Thick Film Leaded Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RIEDON [Riedon Powertron]
Strona internetowa  http://www.riedon.com
Logo RIEDON - Riedon Powertron

GST1210 Arkusz danych(HTML) 2 Page - Riedon Powertron

  GST1210 Datasheet HTML 1Page - Riedon Powertron GST1210 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
09/13
SPECIFICATIONS (continued)
Specification
Value
Temperature Range
-55°C to +125°C
Climactic Cetegory
55 / 125 / 56
Long Term Stability
Max DR
<1 GW
1 GW - 10 GW
>10 GW
Storage 125°C / 1000h
±1%
±2%
±5%
Maximum Voltage / 1000h
±0.5%
±1%
±2%
Part Description: Part Type - Resistance - Tolerance - TCR
Example: GST 2512 10G 10% 100ppm
( Note: if no TCR is Specified / The highest value will be supplied )
GST Series
High Resistance / Thick Film Leaded Resistors
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve
Type
Dimensions
L ±0.008 [±0.2]
H ±0.008 [±0.2]
T ±0.008 [±0.2]
W ±0.008 [±0.2]
A +0 /-0.08 [+0 /-2.0]
d ±0.002 [±0.05]
GST 1210
0.126
[ 3.2 ]
0.098
[ 2.5 ]
0.035
[ 0.9 ]
0.079
[ 2.0 ]
0.79
[ 20 ]
0.016
[ 0.4 ]
GST 2512
0.250
[ 6.3 ]
0.138
[ 3.5 ]
0.039
[ 1.0 ]
0.217
[ 5.5 ]
0.79
[ 20 ]
0.016
[ 0.4 ]
GST 4020
0.400
[ 10.2 ]
0.200
[ 5.1 ]
0.039
[ 1.0 ]
0.374
[ 9.5 ]
0.79
[ 20 ]
0.016
[ 0.4 ]
Ordering Information


Podobny numer części - GST1210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Willow Technologies Ltd
GST1210 WILLOW-GST1210 Datasheet
924Kb / 2P
   High Value Resistors radial leaded
logo
Riedon Powertron
GST1210 RIEDON-GST1210 Datasheet
274Kb / 2P
   High Resistance / Thick Film Leaded Resistors
More results

Podobny opis - GST1210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Riedon Powertron
GST1210 RIEDON-GST1210 Datasheet
274Kb / 2P
   High Resistance / Thick Film Leaded Resistors
HVC0805H-330MK8 RIEDON-HVC0805H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-33MJ8 RIEDON-HVC1206H-33MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-330MK8 RIEDON-HVC1206H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC2512H-330MK8 RIEDON-HVC2512H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-10MJ8 RIEDON-HVC1206H-10MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVR25 RIEDON-HVR25_13 Datasheet
170Kb / 2P
   High Voltage / Thick Film Leaded Resistors
HVC0402 RIEDON-HVC0402 Datasheet
176Kb / 2P
   High Resistance, Thick Film Chip Resistors
CHM0402 RIEDON-CHM0402 Datasheet
291Kb / 2P
   High Resistance / Thick Film Chip Resistors
CHS0402 RIEDON-CHS0402 Datasheet
44Kb / 2P
   High Resistance Thick Film chip Resistors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com