Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSD1692 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części KSD1692
Szczegółowy opis  Feature
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD1692 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  KSD1692 Datasheet HTML 1Page - Fairchild Semiconductor KSD1692 Datasheet HTML 2Page - Fairchild Semiconductor KSD1692 Datasheet HTML 3Page - Fairchild Semiconductor KSD1692 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Silicon Darlington Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
* PW
≤10ms, duty Cycle≤50%
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse test: PW
≤350µs, duty Cycle≤2% Pulsed
hFE Classificntion
Sym-
bol
Parameter
Value
Units
VCBO
Collector-Base Voltage
150
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
8
V
IC
Collector Current (DC)
3
A
ICP
*Collector Current (Pulse)
5
A
PC
Collector Dissipation (Ta=25°C)
1.3
A
P C
Collector Dissipation (TC=25°C)
15
W
TJ
Junction Temperature
150
W
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB = 100V, IE = 0
10
µA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
2
mA
hFE1
hFE2
*DC Current Gain
VCE = 2V, IC = 1.5A
VCE = 2V, IC = 3A
2K
1K
20K
VCE(sat)
*Collector-Emitter Saturation Voltage
IC = 1.5A, IB = 1.5mA
0.9
1.2
V
VBE(sat)
*Base-Emitter Saturation Voltage
IC = 1.5A, IB = 1.5mA
1.5
2
V
tON
Turn ON Time
VCC = 40V, IC = 1.5A
IB1 = - IB2 = 1.5mA
RL = 27Ω
0.5
µs
tSTG
Storage Time
2
µs
tF
Fall Time
1
µs
Classification
O
Y
G
hFE1
2000 ~ 5000
4000 ~ 12000
6000 ~ 20000
KSD1692
Feature
• High Dc Durrent Gain
• Low Collector Saturation Voltage
• Built-in a Damper Diode at E-C
• High Power Dissipation : PC = 1.3W (Ta=25°C)
1
TO-126
1. Emitter
2.Collector
3.Base


Podobny numer części - KSD1692

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KSD1692 SAMSUNG-KSD1692 Datasheet
263Kb / 7P
   NPN (HIGH DC CURRENT GAIN LOW COLLECTOR SATURATION VOLTAGE BUILT-IN A DAMPER DIODE AT E-C)
logo
Fairchild Semiconductor
KSD1692 FAIRCHILD-KSD1692 Datasheet
55Kb / 4P
   High Dc Durrent Gain
logo
Jiangsu Changjiang Elec...
KSD1692 JIANGSU-KSD1692 Datasheet
396Kb / 2P
   TRANSISTOR (NPN)
logo
Fairchild Semiconductor
KSD1692YS FAIRCHILD-KSD1692YS Datasheet
55Kb / 4P
   High Dc Durrent Gain
More results

Podobny opis - KSD1692

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSC5047 FAIRCHILD-KSC5047 Datasheet
41Kb / 4P
   Feature
KSE5020 FAIRCHILD-KSE5020 Datasheet
44Kb / 4P
   Feature
KSD1691 FAIRCHILD-KSD1691 Datasheet
47Kb / 5P
   Feature
KSE210 FAIRCHILD-KSE210 Datasheet
42Kb / 4P
   Feature
KSE200 FAIRCHILD-KSE200 Datasheet
42Kb / 4P
   Feature
MJE210 FAIRCHILD-MJE210 Datasheet
41Kb / 4P
   Feature
logo
Everlight Electronics C...
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
   Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
   Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
   Long life feature.
EALP03RDARA6 EVERLIGHT-EALP03RDARA6 Datasheet
189Kb / 9P
   Long life feature.
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com