Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM2402ARIZ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADuM2402ARIZ
Szczegółowy opis  Quad-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM2402ARIZ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADuM2402ARIZ Datasheet HTML 6Page - Analog Devices ADuM2402ARIZ Datasheet HTML 7Page - Analog Devices ADuM2402ARIZ Datasheet HTML 8Page - Analog Devices ADuM2402ARIZ Datasheet HTML 9Page - Analog Devices ADuM2402ARIZ Datasheet HTML 10Page - Analog Devices ADuM2402ARIZ Datasheet HTML 11Page - Analog Devices ADuM2402ARIZ Datasheet HTML 12Page - Analog Devices ADuM2402ARIZ Datasheet HTML 13Page - Analog Devices ADuM2402ARIZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADuM2400/ADuM2401/ADuM2402
Data Sheet
Rev. E | Page 10 of 24
PACKAGE CHARACTERISTICS
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Resistance (Input to Output)1
RI-O
1012
Ω
Capacitance (Input to Output)1
CI-O
2.2
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
IC Junction-to-Case Thermal Resistance, Side 1
θJCI
33
°C/W
IC Junction-to-Case Thermal Resistance, Side 2
θJCO
28
°C/W
Thermocouple located at center
of package underside
1 Device considered a two-terminal device: Pin 1, Pin 2, Pin 3, Pin 4, Pin 5, Pin 6, Pin 7, and Pin 8 shorted together and Pin 9, Pin 10, Pin 11, Pin 12, Pin 13, Pin 14, Pin 15,
and Pin 16 shorted together.
2 Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
The ADuM240x are approved by the organizations listed in Table 5. Refer to Table 10 and the Insulation Lifetime section for details
regarding recommended maximum working voltages for specific cross-isolation waveforms and insulation levels.
Table 5.
UL
CSA
VDE
Recognized under 1577 Component
Recognition Program1
Approved under CSA Component
Acceptance Notice #5A
Certified according to DIN V VDE V 0884-10 (VDE V
0884-10): 2006-122
Single Protection
5000 V rms Isolation Voltage
Basic insulation per CSA 60950-1-07 and
IEC 60950-1, 600 V rms (848 V peak)
maximum working voltage
Reinforced insulation, 846 V peak
RW-16 package:
Reinforced insulation per CSA 60950-1-07
and IEC 60950-1, 380 V rms (537 V peak)
maximum working voltage; reinforced
insulation per IEC 60601-1 125 V rms
(176 V peak) maximum working voltage
RI-16 package:
Reinforced insulation per CSA 60950-1-07
and IEC 60950-1, 400 V rms (565 V peak)
maximum working voltage; reinforced
insulation per IEC 60601-1 250 V rms
(353 V peak) maximum working voltage
File E214100
File 205078
File 2471900-4880-0001
1 In accordance with UL1577, each ADuM240x is proof tested by applying an insulation test voltage ≥ 6000 V rms for 1 second (current leakage detection limit = 10 μA).
2 In accordance with DIN V VDE V 0884-10, each ADuM240x is proof tested by applying an insulation test voltage ≥1590 V peak for 1 sec (partial discharge detection
limit = 5 pC). The * marking branded on the component designates DIN V VDE V 0884-10 approval.
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 6.
Parameter
Symbol
Value
Unit
Conditions
Rated Dielectric Insulation Voltage
5000
V rms 1-minute duration
Minimum External Air Gap
L(I01)
8.0 min
mm
Distance measured from input terminals to output
terminals, shortest distance through air along the PCB
mounting plane, as an aid to PC board layout
Minimum External Tracking (Creepage) RW-16 Package L(I02)
7.7 min
mm
Measured from input terminals to output terminals,
shortest distance path along body
Minimum External Tracking (Creepage) RI-16 Package
L(I02)
8.3 min
mm
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)


Podobny numer części - ADuM2402ARIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADuM2402ARIZ AD-ADuM2402ARIZ Datasheet
304Kb / 24P
   Quad-Channel Digital Isolators
REV. D
ADUM2402ARIZ AD-ADUM2402ARIZ Datasheet
544Kb / 24P
   Quad-Channel Digital Isolators
Rev. F
More results

Podobny opis - ADuM2402ARIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com