Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54548-2170 Arkusz danych(PDF) 6 Page - Molex Electronics Ltd.

Numer części 54548-2170
Szczegółowy opis  0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

54548-2170 Arkusz danych(HTML) 6 Page - Molex Electronics Ltd.

  54548-2170 Datasheet HTML 1Page - Molex Electronics Ltd. 54548-2170 Datasheet HTML 2Page - Molex Electronics Ltd. 54548-2170 Datasheet HTML 3Page - Molex Electronics Ltd. 54548-2170 Datasheet HTML 4Page - Molex Electronics Ltd. 54548-2170 Datasheet HTML 5Page - Molex Electronics Ltd. 54548-2170 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image


Podobny numer części - 54548-2170

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
54548-2070 MOLEX11-54548-2070 Datasheet
41Kb / 3P
   0.50mm Pitch FFC/FPC Connector
54548-2071 MOLEX7-54548-2071 Datasheet
541Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMTZIF, Bottom Contact Style, 20 Circuits, Lead-free, Gold Contact Plating
54548-2271 MOLEX7-54548-2271 Datasheet
541Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMTZIF, Bottom Contact Style, 22 Circuits, Lead-free, Gold (Au)Plating
54548-2471 MOLEX7-54548-2471 Datasheet
541Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT,ZIF, Bottom Contact Style, 24 Circuits, Lead-free, Gold Contact Plating
54548-2671 MOLEX7-54548-2671 Datasheet
541Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT ZIF, Bottom Contact Style, 26 Circuits, Lead-free, Gold (Au) Plating
More results

Podobny opis - 54548-2170

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0545480870 MOLEX11-0545480870 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT -LEAD FREE-
0545481070 MOLEX11-0545481070 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT -LEAD FREE-
0545480570 MOLEX11-0545480570 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT -LEAD FREE-
0545482070 MOLEX11-0545482070 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT -LEAD FREE-
54104-3292 MOLEX11-54104-3292 Datasheet
605Kb / 6P
   0.5 FPC Conn Zif Hsg Assy for SMT RA Upr Cont
0545500594 MOLEX11-0545500594 Datasheet
524Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA UPPER CONT -LEAD FREE-
0541043096 MOLEX11-0541043096 Datasheet
416Kb / 4P
   0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
0541323297 MOLEX11-0541323297 Datasheet
372Kb / 4P
   0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
0541323397 MOLEX11-0541323397 Datasheet
372Kb / 4P
   0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
0533980267 MOLEX11-0533980267 Datasheet
320Kb / 4P
   0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com