Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9399 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 9399
Szczegółowy opis  Switched Socket
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

9399 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  9399 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.farnell.com
www.cpc.co.uk
Page <1>
V1.0
29/10/12
Switched Socket
Specifications:
Descriptions
9098
9798
9399
Connector Type
Twin UK Mains
UK Mains
Pin Format
UK Mains
Colour
White
Supply Voltage
250V AC
Voltage Rating
250V AC
Current Rating
13A
Length
145mm
80mm
External Length/Height
85mm
External Width
50mm
Fixing Centres
120mm
60mm
Fixing Hole Diameter
4
Number of Earth Contacts
1
2
1
Number of Outputs
2
1
Approval Category
BS1363
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-ELEC is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part number
Socket Switched, 2 Gang, SP
9098
Socket Switched, 2 Gang, 2 Pole
9798
Socket Switched, 1 Gang, SP
9399


Podobny numer części - 9399

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Belden Inc.
9399 BELDEN-9399 Datasheet
170Kb / 2P
   Microphone Cable, 2 Conductor 24 AWG, TC
11-09-2022
9399-001500 BELDEN-9399-001500 Datasheet
170Kb / 2P
   Microphone Cable, 2 Conductor 24 AWG, TC
11-09-2022
logo
List of Unclassifed Man...
93992-XYYH ETC2-93992-XYYH Datasheet
707Kb / 8P
   BERGSTIK II HEADER 100 2.54cc SR STRAIGHT
logo
FCI connector
93992-XYYH FCI-CONNECTOR-93992-XYYH Datasheet
707Kb / 8P
   BERGSTIK II HEADER .100/2.54cc SR STRAIGHT
More results

Podobny opis - 9399

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Filtronic Compound Semi...
SA212-M1 FILTRONIC-SA212-M1 Datasheet
920Kb / 4P
   Switched Multiplexer
logo
List of Unclassifed Man...
IP55 ETC2-IP55 Datasheet
138Kb / 1P
   Switched Disconnects
logo
Motorola, Inc
MC33219A MOTOROLA-MC33219A Datasheet
509Kb / 28P
   Voice Switched Speakerphone
logo
RF Micro Devices
RF2421 RFMD-RF2421 Datasheet
40Kb / 4P
   10dB SWITCHED ATTENUATOR
logo
Texas Instruments
LM2776 TI1-LM2776_16 Datasheet
1Mb / 23P
[Old version datasheet]   Switched Capacitor Inverter
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
Maxim Integrated Produc...
MAX1682 MAXIM-MAX1682 Datasheet
81Kb / 8P
   Switched-Capacitor Voltage Doublers
Rev 1; 8/98
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com