Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7376ARWZ10-RL Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7376ARWZ10-RL
Szczegółowy opis  128-Position Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7376ARWZ10-RL Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7376ARWZ10-RL Datasheet HTML 7Page - Analog Devices AD7376ARWZ10-RL Datasheet HTML 8Page - Analog Devices AD7376ARWZ10-RL Datasheet HTML 9Page - Analog Devices AD7376ARWZ10-RL Datasheet HTML 10Page - Analog Devices AD7376ARWZ10-RL Datasheet HTML 11Page - Analog Devices AD7376ARWZ10-RL Datasheet HTML 12Page - Analog Devices AD7376ARWZ10-RL Datasheet HTML 13Page - Analog Devices AD7376ARWZ10-RL Datasheet HTML 14Page - Analog Devices AD7376ARWZ10-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD7376
Rev. D | Page 11 of 20
0
–60
1k
1M
10k
100k
–6
–12
–18
–24
–30
–36
–42
–48
–54
(Hz)
0x40
0x20
0x10
0x08
0x04
0x02
0x01
Figure 18. 100 kΩ Gain vs. Frequency vs. Code
CH1 5V
CH2 5V
M2µs
A CH1
4.20V
2
1
T 50%
Figure 19. Midscale to Midscale − 1 Transition Glitch
80
0
100
1M
FREQUENCY (Hz)
1k
10k
100k
60
40
20
CODE = 40H, VA = VDD, VB = VSS
–PSRR @ VDD/VSS = ±15V
DC ± 10% p-p AC
+PSRR @ VDD/VSS = ±15V
DC ± 10% p-p AC
–PSRR @ VDD/VSS = ±5V
DC ± 10% p-p AC
+PSRR @ VDD/VSS = ±5V
DC ± 10% p-p AC
Figure 20. Power Supply Rejection vs. Frequency
0.1
0.0001
10
FREQUENCY (Hz)
100k
100
1k
10k
0.001
0.01
10kΩ
50kΩ
100kΩ
VDD/VSS = ±15V
CODE = MIDSCALE
VIN = 1Vrms
Figure 21. Total Harmonic Distortion Plus Noise vs. Frequency
1
0.001
0.001
AMPLITUDE (V)
10
0.01
0.1
1
0.01
0.1
VDD/VSS = ±15V
CODE = MIDSCALE
fIN = 1kHz
10kΩ
50kΩ
100kΩ
Figure 22. Total Harmonic Distortion Plus Noise vs. Amplitude
6
0
2
4
CODE (Decimal)
0128
16
32
48
64
80
96
112
1
3
5
VDD/VSS = 30V/0V
VA = VDD
VB = 0V
RAB = 50kΩ
RAB = 100kΩ
RAB = 10kΩ
Figure 23. Theoretical Maximum Current vs. Code


Podobny numer części - AD7376ARWZ10-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7376AR10 AD-AD7376AR10 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AR100 AD-AD7376AR100 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AR1M AD-AD7376AR1M Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AR50 AD-AD7376AR50 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376ARU10 AD-AD7376ARU10 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
More results

Podobny opis - AD7376ARWZ10-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5247BKSZ100-2RL7 AD-AD5247BKSZ100-2RL7 Datasheet
489Kb / 20P
   128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com