Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8345AREZ-RL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD8345AREZ-RL7
Szczegółowy opis  140 MHz to 1000 MHz Quadrature Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8345AREZ-RL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD8345AREZ-RL7 Datasheet HTML 5Page - Analog Devices AD8345AREZ-RL7 Datasheet HTML 6Page - Analog Devices AD8345AREZ-RL7 Datasheet HTML 7Page - Analog Devices AD8345AREZ-RL7 Datasheet HTML 8Page - Analog Devices AD8345AREZ-RL7 Datasheet HTML 9Page - Analog Devices AD8345AREZ-RL7 Datasheet HTML 10Page - Analog Devices AD8345AREZ-RL7 Datasheet HTML 11Page - Analog Devices AD8345AREZ-RL7 Datasheet HTML 12Page - Analog Devices AD8345AREZ-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8345
Rev. B | Page 9 of 20
LO LEVEL (dBm)
–150
–10
–152
–160
–151
–153
–154
–155
VS = 5V
–156
–157
–158
–159
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
Figure 21. Noise Floor vs. LO Input Power
(TA = 25°C, FLO = 800 MHz, VS = 5 V, All I and Q Inputs Are DC-Biased to 0.7 V)
Noise Measured at 20 MHz Offset from Carrier
LO LEVEL (dBm)
–36
–10
VS = 5.5V
–40
–50
–38
–42
–44
–46
–48
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
Figure 22. LO Feedthrough vs. LO Input Power
(TA = 25°C, LO = 800 MHz, VS = 5.5 V)


Podobny numer części - AD8345AREZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8345ARE AD-AD8345ARE Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
AD8345ARE-REEL AD-AD8345ARE-REEL Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
AD8345ARE-REEL7 AD-AD8345ARE-REEL7 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
More results

Podobny opis - AD8345AREZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
ADL5370 AD-ADL5370 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
   1000-MHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
logo
List of Unclassifed Man...
STQ-1016 ETC-STQ-1016 Datasheet
146Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-1016 SIRENZA-STQ-1016 Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385_15 Datasheet
1Mb / 26P
   30 MHz to 2200 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com