Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8572AR-REEL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD8572AR-REEL7
Szczegółowy opis  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8572AR-REEL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD8572AR-REEL7 Datasheet HTML 3Page - Analog Devices AD8572AR-REEL7 Datasheet HTML 4Page - Analog Devices AD8572AR-REEL7 Datasheet HTML 5Page - Analog Devices AD8572AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8572AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8572AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8572AR-REEL7 Datasheet HTML 9Page - Analog Devices AD8572AR-REEL7 Datasheet HTML 10Page - Analog Devices AD8572AR-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8571/AD8572/AD8574
Rev. E | Page 7 of 24
SOURCE
SINK
10k
1k
100
10
1
0.1
0.0001
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VS = 2.7V
TA = 25°C
Figure 13. Output Voltage to Supply Rail vs. Load Current
1000
750
500
250
0
–75
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
VCM = 2.5V
VS = 5V
Figure 14. Input Bias Current vs. Temperature
5V
2.7V
1.0
0.8
0.6
0.4
0.2
0
–75
–25
–50
25
75
0
50
100
150
125
TEMPERATURE (°C)
Figure 15. Supply Current vs. Temperature
800
200
100
300
400
500
600
700
0
01
2
3
4
5
6
SUPPLY VOLTAGE (V)
TA = 25°C
Figure 16. Supply Current per Amplifier vs. Supply Voltage
45
90
135
180
225
270
0
60
40
50
10
20
30
–10
0
–40
–30
–20
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = 2.7V
CL = 0pF
RL =
Figure 17. Open-Loop Gain and Phase Shift vs. Frequency
45
90
135
180
225
270
0
60
40
50
10
20
30
–10
0
–40
–30
–20
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = 5V
CL = 0pF
RL =
Figure 18. Open-Loop Gain and Phase Shift vs. Frequency


Podobny numer części - AD8572AR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8572AR-REEL7 AD-AD8572AR-REEL7 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8572AR-REEL7 AD-AD8572AR-REEL7 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results

Podobny opis - AD8572AR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
logo
Analog Devices
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551 Datasheet
262Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
AD8571 AD-AD8571 Datasheet
247Kb / 19P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com