Zakładka z wyszukiwarką danych komponentów |
|
ADG1409YRUZ Arkusz danych(PDF) 7 Page - Analog Devices |
|
ADG1409YRUZ Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 20 page ADG1408/ADG1409 Rev. B | Page 7 of 20 5 V DUAL SUPPLY VDD = +5 V ± 10%, VSS = −5 V ± 10%, GND = 0 V, unless otherwise noted. Table 4. Parameter +25°C −40°C to +85°C −40°C to +125°C1 Unit Test Conditions/Comments ANALOG SWITCH Analog Signal Range VSS to VDD V On Resistance (RON) 7 Ω typ VS = ±4.5 V, IS = −10 mA; see Figure 26 9 10.5 12 Ω max VDD = +4.5 V, VSS = −4.5 V On Resistance Match Between 0.3 Ω typ VS = ±4.5 V, IS = −10 mA Channels (ΔRON) 0.78 0.91 1.1 Ω max On Resistance Flatness (RFLAT(ON)) 1.5 Ω typ VS = ±4.5 V; IS = −10 mA 2.5 2.5 3 Ω max LEAKAGE CURRENTS VDD = +5.5 V, VSS −5.5 V = Source Off Leakage, IS (Off ) ±0.02 nA typ VS = ±4.5 V, VD = 4.5 V; see Figure 27 ±0.2 ±0.6 ±5 nA max Drain Off Leakage, ID (Off ) ±0.02 nA typ VS = ±4.5 V, VD = 4.5 V; see Figure 27 ±0.45 ±0.8 ±20 nA max Channel On Leakage, ID, IS (On) ±0.04 nA typ VS = VD = ±4.5 V; see Figure 28 ±0.3 ±1.1 ±22 nA max DIGITAL INPUTS Input High Voltage, VINH 2.0 V min Input Low Voltage, VINL 0.8 V max Input Current ±0.005 μA typ VIN = VGND or VDD ±0.1 μA max Digital Input Capacitance, CIN 5 pF typ DYNAMIC CHARACTERISTICS2 Transition Time, tTRANSITION 330 ns typ RL = 100 Ω, CL = 35 pF 440 530 550 ns max VS = 5 V; see Figure 29 Break-Before-Make Time Delay, tBBM 100 ns typ RL = 100 Ω, CL = 35 pF 50 ns min VS1 = VS2 = 5 V; see Figure 30 tON (EN) 245 ns typ RL = 100 Ω, CL = 35 pF 330 400 440 ns max VS = 5 V; see Figure 31 tOFF (EN) 215 ns typ RL = 100 Ω, CL = 35 pF 285 335 370 ns max VS = 5 V; see Figure 31 Charge Injection –10 pC typ VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 32 Off Isolation –70 dB typ RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 33 Channel-to-Channel Crosstalk –70 dB typ RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 34 Total Harmonic Distortion, THD + N 0.06 % typ RL = 110 Ω, 5 V p-p, f = 20 Hz to 20 kHz; see Figure 36 −3 dB Bandwidth RL = 50 Ω, CL = 5 pF; see Figure 35 ADG1408 40 MHz typ ADG1409 80 MHz typ Insertion Loss 0.5 dB typ RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 35 CS (Off ) 20 pF typ f = 1 MHz CD (Off ) ADG1408 130 pF typ f = 1 MHz ADG1409 65 pF typ f = 1 MHz CD, CS (On) ADG1408 180 pF typ f = 1 MHz ADG1409 120 pF typ f = 1 MHz |
Podobny numer części - ADG1409YRUZ |
|
Podobny opis - ADG1409YRUZ |