Zakładka z wyszukiwarką danych komponentów |
|
ADG1636BCPZ-REEL Arkusz danych(PDF) 8 Page - Analog Devices |
|
ADG1636BCPZ-REEL Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 16 page ADG1636 Rev. A | Page 8 of 16 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Table 6. Parameter Rating VDD to VSS 18 V VDD to GND −0.3 V to +18 V VSS to GND +0.3 V to −18 V Analog Inputs1 VSS − 0.3 V to VDD + 0.3 V or 30 mA, whichever occurs first Digital Inputs1 GND − 0.3 V to VDD + 0.3 V or 30 mA, whichever occurs first Peak Current, S or D 850 mA (pulsed at 1 ms, 10% duty cycle maximum) Continuous Current, S or D2 Data + 15% Operating Temperature Range Industrial (Y Version) −40°C to +125°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C 16-Lead TSSOP, θJA Thermal Impedance (2-Layer Board) 150.4°C/W 16-Lead LFCSP, θJA Thermal Impedance (4-Layer Board) 48.7°C/W Reflow Soldering Peak Temperature, Pb free 260°C ESD CAUTION 1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should be limited to the maximum ratings given. 2 See Table 5. |
Podobny numer części - ADG1636BCPZ-REEL |
|
Podobny opis - ADG1636BCPZ-REEL |