Zakładka z wyszukiwarką danych komponentów |
|
ADM800L Arkusz danych(PDF) 3 Page - Analog Devices |
|
ADM800L Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 12 page –3– REV. 0 ADM691A/ADM693A/ADM800L/M Parameter Min Typ Max Units Test Conditions/Comments CHIP ENABLE GATING CEIN Leakage Current ±0.005 ±1 µA Disable Mode CEIN to CEOUT Resistance 40 150 Ω Enable Mode CEIN to CEOUT Propagation Delay 6 10 ns RIN = 50 Ω, CLOAD = 50 pF CEOUT Short-Circuit Current 0.1 0.75 2.0 mA Disable Mode, CEOUT = 0 V CEOUT Output Voltage 3.5 V VCC = 5 V, IOUT = –100 µA 2.7 V VCC = 0 V, VBATT = 2.8 V, IOUT = 1 µA RESET to CEOUT Propagation Delay 12 µs Power Down OSCILLATOR OSC IN Input Current 0.1 ±5 µA OSC SEL = 0 V OSC In Input Pullup Current 10 100 µA OSC SEL = VOUT or Floating OSC SEL Input Pullup Current 10 100 µA OSC SEL = 0 V OSC IN Frequency Range 500 kHz OSC SEL = 0 V OSC IN Threshold Voltage VOUT – 0.4 VOUT – 0.6 V VIH 3.65 2.00 V VIL OSC IN Frequency with Ext Capacitor 100 kHz OSC SEL = 0 V, COSC = 47 pF NOTES 1Either V CC or VBATT can be 0 V if the other > +2.0 V. Specifications subject to change without notice. ABSOLUTE MAXIMUM RATINGS* (TA = 25°C unless otherwise noted) VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V VBATT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V All Other Inputs . . . . . . . . . . . . . . . . . –0.3 V to VOUT + 0.5 V Input Current VCC (Peak) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 mA VCC (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . . 250 mA VBATT (Peak) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250 mA VBATT (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . 25 mA GND, BATT ON . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 25 mA Power Dissipation, N-16 DIP . . . . . . . . . . . . . . . . . . 842 mW θϑ A Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 135°C/W Power Dissipation, R-16 Narrow SOIC . . . . . . . . . . . 700 mW θ JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . . 110 °W Power Dissipation, R-16 Wide SOIC . . . . . . . . . . . . . 762 mW θ JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 110 °C/W Power Dissipation, RU-16 TSSOP . . . . . . . . . . . . . . 500 mW θ JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 158 °C/W Operating Temperature Range Industrial (A Version) . . . . . . . . . . . . . . . . –40 °C to +85°C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300 °C Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215 °C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220 °C Storage Temperature Range . . . . . . . . . . . . –65 °C to +150°C *Stresses above those listed under “Absolute Maximum Ratings” may cause perma- nent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum ratings for extended periods of time may affect device reliability. Table I. Product Selection Table Power On Low VCC Watchdog Battery Backup Base Drive Chip Enable Part No. Reset Time Threshold Timeout Switching Ext PNP Signals ADM691A 200 ms or Adj. 4.65 V ± 3% 100 ms, 1.6 s, Adj. Yes Yes Yes ADM693A 200 ms or Adj. 4.4 V ± 3% 100 ms, 1.6 s, Adj. Yes Yes Yes ADM800M 200 ms or Adj. 4.4 V ± 2% 100 ms, 1.6 s, Adj. Yes Yes Yes ADM800L 200 ms or Adj. 4.65 V ± 2% 100 ms, 1.6 s, Adj. Yes Yes Yes ORDERING GUIDE Temperature Package Model Range Option ADM691AAN –40 °C to +85°C N-16 ADM691AARN –40 °C to +85°C R-16N ADM691AARW –40 °C to +85°C R-16W ADM691AARU –40 °C to +85°C RU-16 ADM693AAN –40 °C to +85°C N-16 ADM693AARN –40 °C to +85°C R-16N ADM693AARW –40 °C to +85°C R-16W ADM800LAN –40 °C to +85°C N-16 ADM800LARN –40 °C to +85°C R-16N ADM800LARW –40 °C to +85°C R-16W ADM800MAN –40 °C to +85°C N-16 ADM800MARN –40 °C to +85°C R-16N ADM800MARW –40 °C to +85°C R-16W |
Podobny numer części - ADM800L |
|
Podobny opis - ADM800L |