Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM1401CRWZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADuM1401CRWZ
Szczegółowy opis  Quad-Channel Digital Isolators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM1401CRWZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADuM1401CRWZ Datasheet HTML 5Page - Analog Devices ADuM1401CRWZ Datasheet HTML 6Page - Analog Devices ADuM1401CRWZ Datasheet HTML 7Page - Analog Devices ADuM1401CRWZ Datasheet HTML 8Page - Analog Devices ADuM1401CRWZ Datasheet HTML 9Page - Analog Devices ADuM1401CRWZ Datasheet HTML 10Page - Analog Devices ADuM1401CRWZ Datasheet HTML 11Page - Analog Devices ADuM1401CRWZ Datasheet HTML 12Page - Analog Devices ADuM1401CRWZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADuM1400/ADuM1401/ADuM1402
Rev. G | Page 9 of 32
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
90 Mbps (CRW Grade Only)
VDD1 Supply Current
IDD1 (90)
5 V/3 V Operation
57
82
mA
45 MHz logic signal freq.
3 V/5 V Operation
30
52
mA
45 MHz logic signal freq.
VDD2 Supply Current
IDD2 (90)
5 V/3 V Operation
18
27
mA
45 MHz logic signal freq.
3 V/5 V Operation
31
43
mA
45 MHz logic signal freq.
ADuM1402 Total Supply Current, Four Channels2
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
5 V/3 V Operation
1.5
2.1
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
0.9
1.5
mA
DC to 1 MHz logic signal freq.
VDD2 Supply Current
IDD2 (Q)
5 V/3 V Operation
0.9
1.5
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
1.5
2.1
mA
DC to 1 MHz logic signal freq.
10 Mbps (BRW and CRW Grades Only)
VDD1 Supply Current
IDD1 (10)
5 V/3 V Operation
5.6
7.0
mA
5 MHz logic signal freq.
3 V/5 V Operation
3.0
4.2
mA
5 MHz logic signal freq.
VDD2 Supply Current
IDD2 (10)
5 V/3 V Operation
3.0
4.2
mA
5 MHz logic signal freq.
3 V/5 V Operation
5.6
7.0
mA
5 MHz logic signal freq.
90 Mbps (CRW Grade Only)
VDD1 Supply Current
IDD1 (90)
5 V/3 V Operation
44
62
mA
45 MHz logic signal freq.
3 V/5 V Operation
24
39
mA
45 MHz logic signal freq.
VDD2 Supply Current
IDD2 (90)
5 V/3 V Operation
24
39
mA
45 MHz logic signal freq.
3 V/5 V Operation
44
62
mA
45 MHz logic signal freq.
For All Models
Input Currents
IIA, IIB, IIC,
IID, IE1, IE2
−10
+0.01
+10
μA
0 V ≤ VIA, VIB, VIC,VID ≤ VDD1 or
VDD2, 0 V ≤ VE1, VE2 ≤ VDD1 or VDD2
Logic High Input Threshold
VIH, VEH
5 V/3 V Operation
2.0
V
3 V/5 V Operation
1.6
V
Logic Low Input Threshold
VIL, VEL
5 V/3 V Operation
0.8
V
3 V/5 V Operation
0.4
V
Logic High Output Voltages
VOAH, VOBH,
VOCH, VODH
(VDD1 or VDD2) − 0.1
(VDD1 or VDD2)
V
IOx = −20 μA, VIx = VIxH
(VDD1 or VDD2) − 0.4
(VDD1 or VDD2) − 0.2
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOAL, VOBL,
VOCL, VODL
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
0.04
0.1
V
IOx = 400 μA, VIx = VIxL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
SWITCHING SPECIFICATIONS
ADuM140xARW
Minimum Pulse Width3
PW
1000 ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate4
1
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay5
tPHL, tPLH
50
70
100
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|5
PWD
40
ns
CL = 15 pF, CMOS signal levels
Change vs. Temperature
11
ps/°C
CL = 15 pF, CMOS signal levels
Propagation Delay Skew6
tPSK
50
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching7
tPSKCD/tPSKOD
50
ns
CL = 15 pF, CMOS signal levels
ADuM140xBRW
Minimum Pulse Width3
PW
100
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate4
10
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay5
tPHL, tPLH
15
35
50
ns
CL = 15 pF, CMOS signal levels


Podobny numer części - ADuM1401CRWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM1401CRWZ AD-ADUM1401CRWZ Datasheet
797Kb / 24P
   Quad-Channel Digital Isolators
REV. B
ADuM1401CRWZ AD-ADuM1401CRWZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADuM1401CRWZ AD-ADuM1401CRWZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401CRWZ AD-ADUM1401CRWZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADuM1401CRWZ AD-ADuM1401CRWZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
More results

Podobny opis - ADuM1401CRWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com