Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3338AKC-5-REEL7 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADP3338AKC-5-REEL7
Szczegółowy opis  High Accuracy, Ultralow I Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3338AKC-5-REEL7 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADP3338AKC-5-REEL7 Datasheet HTML 6Page - Analog Devices ADP3338AKC-5-REEL7 Datasheet HTML 7Page - Analog Devices ADP3338AKC-5-REEL7 Datasheet HTML 8Page - Analog Devices ADP3338AKC-5-REEL7 Datasheet HTML 9Page - Analog Devices ADP3338AKC-5-REEL7 Datasheet HTML 10Page - Analog Devices ADP3338AKC-5-REEL7 Datasheet HTML 11Page - Analog Devices ADP3338AKC-5-REEL7 Datasheet HTML 12Page - Analog Devices ADP3338AKC-5-REEL7 Datasheet HTML 13Page - Analog Devices ADP3338AKC-5-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADP3338
Rev. B | Page 10 of 16
APPLICATION INFORMATION
CAPACITOR SELECTION
Output Capacitor
The stability and transient response of the LDO is a function of
the output capacitor. The ADP3338 is stable with a wide range
of capacitor values, types, and ESR (anyCAP). A capacitor as
low as 1 µF is the only requirement for stability. A higher ca-
pacitance may be necessary if high output current surges are
anticipated, or if the output capacitor cannot be located near the
output and ground pins. The ADP3338 is stable with extremely
low ESR capacitors (ESR ≈ 0) such as multilayer ceramic capacitors
(MLCC) or OSCON. Note that the effective capacitance of some
capacitor types falls below the minimum over temperature or
with dc voltage.
Input Capacitor
An input bypass capacitor is not strictly required, but is recom-
mended in any application involving long input wires or high
source impedance. Connecting a 1 µF capacitor from the input
to ground reduces the sensitivity of the circuit to PC board
layout and input transients. If a larger output capacitor is
necessary, a larger value input capacitor is recommended.
OUTPUT CURRENT LIMIT
The ADP3338 is short-circuit protected by limiting the pass
transistor’s base drive current. The maximum output current is
limited to approximately 2 A (see Figure 16).
THERMAL OVERLOAD PROTECTION
The ADP3338 is protected against damage due to excessive
power dissipation by its thermal overload protection circuit.
Thermal protection limits the die temperature to a maximum of
160°C. Under extreme conditions, such as high ambient
temperature and power dissipation where the die temperature
starts to rise above 160°C, the output current is reduced until
the die temperature has dropped to a safe level.
Current and thermal limit protections are intended to protect
the device against accidental overload conditions. For normal
operation, externally limit the power dissipation of the device
so the junction temperature does not exceed 150°C.
CALCULATING POWER DISSIPATION
Device power dissipation is calculated as
PD = (VIN – VOUT) × ILOAD + (VIN × IGND)
Where
ILOAD and IGND are load current and ground current, and
VIN and VOUT are the input and output voltages, respectively.
Assuming the worst-case operating conditions are ILOAD = 1.0 A,
IGND = 10 mA, VIN = 3.3 V, and VOUT = 2.5 V, the device power
dissipation is
PD = (3.3 V – 2.5 V) × 1000 mA + (3.3 V × 10 mA) = 833 mW
So, for a junction temperature of 125°C and a maximum
ambient temperature of 85°C, the required thermal resistance
from junction to ambient is
C/W
48
W
833
.
0
C
85
C
125
°
=
°
°
=
θJA
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
The thermal resistance, θJA, of the SOT-223 is determined by the
sum of the junction-to-case and the case-to-ambient thermal
resistances. The junction-to-case thermal resistance, θJC, is
determined by the package design and is specified at 26.8°C/W.
However, the case-to-ambient thermal resistance is determined
by the printed circuit board design.
As shown in Figure 22, the amount of copper to which the
ADP3338 is mounted affects thermal performance. When
mounted to the minimal pads of 2 oz. copper, as shown in
Figure 22 (a), θJA is 126.6°C/W. Adding a small copper pad
under the ADP3338, as shown in Figure 22 (b), reduces the θJA to
102.9°C/W. Increasing the copper pad to one square inch, as
shown in Figure 22 (c), reduces the θJA even further to 52.8°C/W.
c
ab
Figure 22. PCB Layouts


Podobny numer części - ADP3338AKC-5-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3338AKC-5-REEL7 AD-ADP3338AKC-5-REEL7 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
More results

Podobny opis - ADP3338AKC-5-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3339 AD-ADP3339_15 Datasheet
252Kb / 12P
   High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
   High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
   High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339AKC-33-RL7 AD-ADP3339AKC-33-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com