Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STP11NM65N Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części STP11NM65N
Szczegółowy opis  N-channel 650 V, 0.425typ., 11 A MDmesh?줚I Power MOSFET in DPAK, TO-220FP, I짼PAKFP and TO-220 packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NM65N Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button STP11NM65N Datasheet HTML 4Page - STMicroelectronics STP11NM65N Datasheet HTML 5Page - STMicroelectronics STP11NM65N Datasheet HTML 6Page - STMicroelectronics STP11NM65N Datasheet HTML 7Page - STMicroelectronics STP11NM65N Datasheet HTML 8Page - STMicroelectronics STP11NM65N Datasheet HTML 9Page - STMicroelectronics STP11NM65N Datasheet HTML 10Page - STMicroelectronics STP11NM65N Datasheet HTML 11Page - STMicroelectronics STP11NM65N Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
STD11NM65N, STF11NM65N, STFI11NM65N, STP11NM65N
8/21
Doc ID 13476 Rev 4
Figure 14. Normalized gate threshold voltage vs
temperature
Figure 15. Normalized on-resistance vs
temperature
Figure 16. Source-drain diode forward
characteristics
Figure 17. Normalized BVDSS vs temperature
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100
ID=250µA
AM13048v1
RDS(on)
1.7
1.3
0.9
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
2.1
ID=5.5A
AM13049v1
VSD
0
4
ISD(A)
(V)
2
10
6
8
0.4
0.6
0.8
1.0
TJ=-50°C
TJ=150°C
TJ=25°C
1.2
AM13050v1
VDS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
ID=1mA
1.08
1.10
AM09028v1


Podobny numer części - STP11NM65N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP11NM65N STMICROELECTRONICS-STP11NM65N Datasheet
1Mb / 21P
   N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET
logo
Inchange Semiconductor ...
STP11NM65N ISC-STP11NM65N Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP11NM65N VBSEMI-STP11NM65N Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Podobny opis - STP11NM65N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP15N65M5 STMICROELECTRONICS-STP15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STF11N65M5 STMICROELECTRONICS-STF11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 廓 typ., 9 A MDmesh??V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
STF15NM65N STMICROELECTRONICS-STF15NM65N_V01 Datasheet
923Kb / 15P
   N-channel 650 V, 0.35 廓 typ., 12 A MDmesh??II Power MOSFETs in TO-220FP and I짼PAKFP packages
July 2016
STD8NM50N STMICROELECTRONICS-STD8NM50N Datasheet
1Mb / 19P
   N-channel 500 V, 0.73 廓 typ., 5 A MDmesh?줚I Power MOSFET in DPAK, TO-220 and IPAK packages
STD11N65M5 STMICROELECTRONICS-STD11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
STW57N65M5 STMICROELECTRONICS-STW57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STF57N65M5 STMICROELECTRONICS-STF57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STW45N65M5 STMICROELECTRONICS-STW45N65M5 Datasheet
1Mb / 20P
   N-channel 650 V, 0.067 typ., 35 A MDmesh V Power MOSFET in D2PAK, TO-220FP and TO-220 packages
STF26N60M2 STMICROELECTRONICS-STF26N60M2 Datasheet
434Kb / 15P
   N-channel 600 V, 0.14 廓 typ., 20 A MDmesh??M2 Power MOSFETs in TO-220FP and I짼PAKFP packages
July 2015 Rev 2
STD14NM50N STMICROELECTRONICS-STD14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com