Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1032 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części ADM1032
Szczegółowy opis  1C Remote and Local System Temperature Monitor Supports SMBus Alert
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1032 Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button ADM1032_12 Datasheet HTML 3Page - ON Semiconductor ADM1032_12 Datasheet HTML 4Page - ON Semiconductor ADM1032_12 Datasheet HTML 5Page - ON Semiconductor ADM1032_12 Datasheet HTML 6Page - ON Semiconductor ADM1032_12 Datasheet HTML 7Page - ON Semiconductor ADM1032_12 Datasheet HTML 8Page - ON Semiconductor ADM1032_12 Datasheet HTML 9Page - ON Semiconductor ADM1032_12 Datasheet HTML 10Page - ON Semiconductor ADM1032_12 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ADM1032
http://onsemi.com
7
Functional Description
The ADM1032 is a local and remote temperature sensor
and overtemperature alarm. When the ADM1032 is
operating normally, the on-board A/D converter operates in
a free running mode. The analog input multiplexer
alternately selects either the on-chip temperature sensor to
measure its local temperature or the remote temperature
sensor. These signals are digitized by the ADC, and the
results are stored in the local and remote temperature value
registers.
The measurement results are compared with local and
remote, high, low, and THERM temperature limits stored in
nine on-chip registers. Out-of-limit comparisons generate
flags that are stored in the status register, and one or more
out-of-limit results cause the ALERT output to pull low.
Exceeding THERM temperature limits causes the THERM
output to assert low.
The limit registers can be programmed, and the device
controlled and configured, via the serial SMBus. The
contents of any register can also be read back via the SMBus.
Control and configuration functions consist of:
Switching the Device between Normal Operation and
Standby Mode
Masking or Enabling the ALERT Output
Selecting the Conversion Rate
Measurement Method
A simple method of measuring temperature is to exploit
the negative temperature coefficient of a diode, or the
base-emitter voltage of a transistor, operated at constant
current. Unfortunately, this technique requires calibration to
null out the effect of the absolute value of VBE, which varies
from device to device.
The technique used in the ADM1032 is to measure the
change in VBE when the device is operated at two different
currents.
This is given by:
(eq. 1)
DVBE + nf
KT
q
In(N)
where:
K is Boltzmann’s constant (1.38  10–23)
q is the charge on the electron (1.6  10–19 Coulombs)
T is the absolute temperature in Kelvins
N is the ratio of the two currents
nf is the ideality factor of the thermal diode.
The ADM1032 is trimmed for an ideality factor of 1.008.
Figure 12 shows the input signal conditioning used to
measure the output of an external temperature sensor.
Figure 12 shows the external sensor as a substrate transistor,
provided
for
temperature
monitoring
on
some
microprocessors, but it could equally well be a discrete
transistor. If a discrete transistor is used, the collector is not
grounded and should be linked to the base. To prevent
ground noise interfering with the measurement, the more
negative terminal of the sensor is not referenced to ground
but is biased above ground by an internal diode at the D−
input. If the sensor is operating in a noisy environment, C1
can optionally be added as a noise filter. Its value should be
no more than 1000 pF. See the Layout Considerations
section for more information on C1.
To measure
DVBE, the sensor is switched between the
operating currents of I and N  I. The resulting waveform is
passed through a 65 kHz low-pass filter to remove noise, and
then to a chopper-stabilized amplifier that performs the
functions of amplification and rectification of the waveform
to produce a dc voltage proportional to
DVBE. This voltage
is measured by the ADC to give a temperature output in twos
complement format. To further reduce the effects of noise,
digital filtering is performed by averaging the results of 16
measurement cycles.
Signal conditioning and measurement of the internal
temperature sensor is performed in a similar manner.
Figure 12. Input Signal Conditioning
LOW-PASS FILTER
fC = 65 kHz
REMOTE
SENSING
TRANSISTOR
BIAS
DIODE
D+
D−
VDD
IBIAS
IN  I
VOUT+
VOUT−
To ADC
C1*
* CAPACITOR C1 IS OPTIONAL AND IT SHOULD ONLY BE USED IN VERY NOISY ENVIRONMENTS. C1 = 1000 pF Max.


Podobny numer części - ADM1032_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1032AR AD-ADM1032AR Datasheet
167Kb / 12P
   -1C Remote and Local System Temperature Monitor
REV. 0
ADM1032ARM AD-ADM1032ARM Datasheet
167Kb / 12P
   -1C Remote and Local System Temperature Monitor
REV. 0
logo
ON Semiconductor
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ ONSEMI-ADM1032ARMZ Datasheet
210Kb / 18P
   짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
ADM1032ARMZ ONSEMI-ADM1032ARMZ Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
More results

Podobny opis - ADM1032_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1032 AD-ADM1032 Datasheet
167Kb / 12P
   -1C Remote and Local System Temperature Monitor
REV. 0
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032 Datasheet
210Kb / 18P
   짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC10 TI-THMC10 Datasheet
269Kb / 20P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
logo
ON Semiconductor
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Texas Instruments
THMC50 TI-THMC50 Datasheet
437Kb / 32P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
THMC50 TI1-THMC50_08 Datasheet
537Kb / 34P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
logo
ON Semiconductor
ADM1032ARZ-1RL7 ONSEMI-ADM1032ARZ-1RL7 Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com