Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC489 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części BC489
Szczegółowy opis  High Current Transistors NPN Silicon These are Pb?묯ree Devices
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC489 Arkusz danych(HTML) 5 Page - ON Semiconductor

  BC489_07 Datasheet HTML 1Page - ON Semiconductor BC489_07 Datasheet HTML 2Page - ON Semiconductor BC489_07 Datasheet HTML 3Page - ON Semiconductor BC489_07 Datasheet HTML 4Page - ON Semiconductor BC489_07 Datasheet HTML 5Page - ON Semiconductor BC489_07 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BC489, BC489A
http://onsemi.com
5
IC, COLLECTOR CURRENT (mA)
Figure 10. Base−Emitter Temperature Coefficient
−0.8
−2.8
1.0
100
10
RqVB for VBE
0.5
2.0
5.0
20
50
200
−1.2
−1.6
−2.0
−2.4
500
IC, COLLECTOR CURRENT (mA)
Figure 11. “On” Voltages
−1.0
−0.8
−0.6
−0.4
−0.2
0
TJ = 25°C
VBE(on) @ VCE = −1.0 V
VCE(sat) @ IC/IB = 10
−0.5
VBE(sat) @ IC/IB = 10
−1.0
−2.0
−5.0
−10
−20
−50 −100 −200
−500
IB, BASE CURRENT (mA)
Figure 12. Collector Saturation Region
−1.0
−0.8
−0.6
−0.4
−0.2
0
−0.1
−10
−1.0
TJ = 25°C
IC = −10 mA
−0.05
−0.2
−0.5
−2.0
−5.0
−20
−50 mA
−50
−100 mA
−250 mA −500 mA
IC, COLLECTOR CURRENT (mA)
Figure 13. Base−Emitter Temperature Coefficient
−0.8
−2.8
−1.0
−100
−10
RqVB for VBE
−0.5
−2.0
−5.0
−20
−50
−200
−1.2
−1.6
−2.0
−2.4
−500


Podobny numer części - BC489_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BC489A MOTOROLA-BC489A Datasheet
235Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC489A ONSEMI-BC489A Datasheet
235Kb / 6P
   High Current Transistors(NPN Silicon)
logo
Continental Device Indi...
BC489A CDIL-BC489A Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Motorola, Inc
BC489B MOTOROLA-BC489B Datasheet
235Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC489B ONSEMI-BC489B Datasheet
235Kb / 6P
   High Current Transistors(NPN Silicon)
More results

Podobny opis - BC489_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Youtai Semico...
LESD8D5.0CAT5G UMW-LESD8D5.0CAT5G Datasheet
379Kb / 4P
   These are Pb−Free Devices
LESD8D3.3CAT5G UMW-LESD8D3.3CAT5G Datasheet
468Kb / 4P
   These are Pb−Free Devices
logo
ON Semiconductor
MMBD7000LT1G ONSEMI-MMBD7000LT1G_09 Datasheet
126Kb / 4P
   Dual Switching Diode These Devices are Pb?묯ree, Halogen Free/BFR Free and are RoHS
August, 2009 ??Rev. 5
NTMS5835NL ONSEMI-NTMS5835NL Datasheet
115Kb / 6P
   Power MOSFET 40 V, 12 A, 10 m These Devices are Pb?묯ree, Halogen Free/
April, 2011 ??Rev. 1
NTMS5838NL ONSEMI-NTMS5838NL Datasheet
115Kb / 6P
   Power MOSFET 40 V, 7.5 A, 25 m These Devices are Pb?묯ree, Halogen Free/BFR
April, 2011 ??Rev. 1
logo
Yea Shin Technology Co....
BC846BPDW YEASHIN-BC846BPDW Datasheet
1,004Kb / 9P
   Pb?묯ree Package is Available
logo
ON Semiconductor
BC489 ONSEMI-BC489 Datasheet
235Kb / 6P
   High Current Transistors(NPN Silicon)
logo
Comset Semiconductor
BUR52 COMSET-BUR52_12 Datasheet
77Kb / 3P
   HIGH CURRENT NPN SILICON TRANSISTORS
BUR52 COMSET-BUR52 Datasheet
121Kb / 4P
   HIGH CURRENT NPN SILICON TRANSISTORS
logo
ON Semiconductor
BC487 ONSEMI-BC487 Datasheet
81Kb / 6P
   High Current Transistors NPN Silicon
September, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com