Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33932EK Arkusz danych(PDF) 4 Page - Freescale Semiconductor, Inc

Numer części MC33932EK
Szczegółowy opis  5.0 A Throttle Control H-Bridge
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33932EK Arkusz danych(HTML) 4 Page - Freescale Semiconductor, Inc

  MC33932EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33932EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33932EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33932EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33932EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33932EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33932EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33932EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33932EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33932
PIN CONNECTIONS
10, 11, 34,
35
12, 13, 42,
43
PGNDA
Power
Ground
Power Ground
High-current power ground pins must be connected together
physically as close as possible and directly soldered down to a
wide, thick, low resistance ground plane on the PCB. PGNDA
should be connected to PGNDB with a low-impedance path.
12, 13, 32,
33
15, 16, 39,
40
PGNDB
Power
Ground
Power Ground
High-current power ground pins must be connected together
physically as close as possible and directly soldered down to a
wide, thick, low resistance ground plane on the PCB. PGNDB
should be connected to PGNDA with a low-impedance path.
14-16
17, 18
OUT4
Power
Output
H-Bridge Output 4
H-Bridge B Source of HS2 and drain of LS2.
17, 18,
26-28
19, 26, 28,
36
VPWRB
Power Input
Positive Power
Supply
These pins must be connected together physically as close as
possible and directly soldered down to a wide, thick, low
resistance supply plane on the PCB.
19
20
CCPB
Analog
Output
Charge Pump
Capacitor
External reservoir capacitor connection for H-Bridge B internal
charge pump; connected to VPWRB. Allowable values are 30 to
100 nF. Note: This capacitor is required for the proper
performance of the device.
20
23
IN4
Logic Input
Input 4
Logic input control of OUT4.
21
24
IN3
Logic Input
Input 3
Logic input control of OUT3.
22
25
SFB
Logic
Output -
Open Drain
Status Flag B
(Active Low)
H-Bridge B open drain active LOW Status Flag output (requires
an external pull-up resistor to VDD. Maximum permissible load
current < 0.5 mA. Maximum VSFLOW < 0.4 V at 0.3 mA. Maximum
permissible pull-up voltage < 7.0 V.)
23
30
D3
Logic Input
Disable Input 3
(Active High)
When D3 is logic HIGH, both OUT3 and OUT4 are tri-stated.
Schmitt trigger input with ~80
A source so default condition =
disabled.
24
31
FBB
Analog
Output
Feedback B
H-Bridge B load current feedback output provides ground
referenced 0.24% of the high side output current. (Tie to GND
through a resistor if not used.)
25
32
EN/D4
Logic Input
Enable Input
When EN/D4 is logic HIGH, H-Bridge B is operational. When EN/
D4 is logic LOW, the H-Bridge B outputs are tri-stated and H-
Bridge B is placed in Sleep Mode. (logic input with ~80
A sink so
default condition = Sleep Mode.)
29-31
37, 38
OUT3
Power
Output
H-Bridge Output 3
H-Bridge B Source of HS1 and drain of LS1.
36-38
44, 45
OUT2
Power
Output
H-Bridge Output 2
H-Bridge A source of HS2 and drain of LS2.
41
47
CCPA
Analog
Output
Charge Pump
Capacitor
External reservoir capacitor connection for H-Bridge A internal
charge pump; connected to VPWRA. Allowable values are 30 to
100 nF. Note: This capacitor is required for the proper
performance of the device.
42
50
IN2
Logic Input
Input 2
Logic input control of OUT2.
43
51
IN1
Logic Input
Input 1
Logic input control of OUT1; e.g., when IN1 is logic HIGH, OUT1
is set to VPWRA, and when IN1 is logic LOW, OUT1 is set to
PGNDA. (Schmitt trigger Input with ~80
A source so default
condition = OUT1 HIGH.)
Table 1. 33932 Pin Definitions (continued)
Pin
HSOP
(VW)
Pin
SOICW-EP
(EK)
Pin Name
Pin
Function
Formal Name
Definition


Podobny numer części - MC33932EK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC33932EK NXP-MC33932EK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
MC33932EK NXP-MC33932EK Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
More results

Podobny opis - MC33932EK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
logo
Freescale Semiconductor...
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
logo
Freescale Semiconductor...
33926 FREESCALE-33926 Datasheet
665Kb / 24P
   5.0 A Throttle Control H-Bridge
33926 FREESCALE-33926_09 Datasheet
759Kb / 25P
   5.0 A Throttle Control H-Bridge
33932 FREESCALE-33932 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-Bridge
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com