Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-4500E Arkusz danych(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-4500E
Szczegółowy opis  Intelligent Power Module and Gate Drive Interface Optocouplers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4500E Arkusz danych(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-4500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-4500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-4500E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-4500E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
100
°C
Average Input Current[1]
IF(avg)
25
mA
Peak Input Current[2] (50% duty cycle, ≤1 ms pulse width)
IF(peak)
50
mA
Peak Transient Input Current (<1 µs pulse width, 300 pps)
IF(tran)
1.0
A
Reverse Input Voltage (Pin 3-2)
HCPL-4506, HCPL-0466
VR
5
Volts
HCPL-J456, HCNW4506
3
Average Output Current (Pin 6)
IO(avg)
15
mA
Resistor Voltage (Pin 7)
V7
-0.5
VCC
Volts
Output Voltage (Pin 6-5)
VO
-0.5
30
Volts
Supply Voltage (Pin 8-5)
VCC
-0.5
30
Volts
Output Power Dissipation[3]
PO
100
mW
Total Power Dissipation[4]
PT
145
mW
Lead Solder Temperature (HCPL-4506, HCPL-J456)
260°C for 10 s, 1.6 mm below seating plane
Lead Solder Temperature (HCNW4506)
260°C for 10 s
(up to seating plane)
Infrared and Vapor Phase Reflow Temperature
See Package Outline Drawings Section
(HCPL-0466 and Option 300)
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
VCC
4.5
30
Volts
Output Voltage
VO
0
30
Volts
Input Current (ON)
IF(on)
10
20
mA
Input Voltage (OFF)
VF(off)*
-5
0.8
V
Operating Temperature
TA
-40
100
°C
*Recommended VF(OFF) = -3 V to 0.8 V for HCPL-J456, HCNW4506.


Podobny numer części - HCPL-4500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
HCPL-4502 QT-HCPL-4502 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-4502 HP-HCPL-4502 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results

Podobny opis - HCPL-4500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com