Zakładka z wyszukiwarką danych komponentów |
|
MC14025BFEL Arkusz danych(PDF) 7 Page - ON Semiconductor |
|
MC14025BFEL Arkusz danych(HTML) 7 Page - ON Semiconductor |
7 / 14 page MC14001B Series http://onsemi.com 7 TYPICAL B−SERIES GATE CHARACTERISTICS (cont’d) VOLTAGE TRANSFER CHARACTERISTICS Figure 8. VDD = 5.0 Vdc Figure 9. VDD = 10 Vdc 1.0 3.0 5.0 4.0 2.0 0 1.0 3.0 5.0 4.0 2.0 0 0 0 Vin, INPUT VOLTAGE (Vdc) SINGLE INPUT NAND, AND MULTIPLE INPUT NOR, OR SINGLE INPUT NOR, OR MULTIPLE INPUT NAND, AND SINGLE INPUT NAND, AND MULTIPLE INPUT NOR, OR SINGLE INPUT NOR, OR MULTIPLE INPUT NAND, AND 2.0 6.0 10 8.0 4.0 2.0 6.0 10 8.0 4.0 Vin, INPUT VOLTAGE (Vdc) Figure 10. VDD = 15 Vdc 0 0 SINGLE INPUT NAND, AND MULTIPLE INPUT NOR, OR SINGLE INPUT NOR, OR MULTIPLE INPUT NAND, AND 2.0 6.0 10 8.0 4.0 2.0 6.0 10 8.0 4.0 Vin, INPUT VOLTAGE (Vdc) 12 14 16 DC NOISE MARGIN The DC noise margin is defined as the input voltage range from an ideal “1” or “0” input level which does not produce output state change(s). The typical and guaranteed limit values of the input values VIL and VIH for the output(s) to be at a fixed voltage VO are given in the Electrical Characteristics table. VIL and VIH are presented graphically in Figure 11. Guaranteed minimum noise margins for both the “1” and “0” levels = 1.0 V with a 5.0 V supply 2.0 V with a 10.0 V supply 2.5 V with a 15.0 V supply Figure 11. DC Noise Immunity Vout VO VO VIL 0 VIH Vin VDD VDD Vout VO VO VIL 0 VIH Vin VDD VDD (a) Inverting Function (b) Non−Inverting Function VSS = 0 VOLTS DC |
Podobny numer części - MC14025BFEL |
|
Podobny opis - MC14025BFEL |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |