Zakładka z wyszukiwarką danych komponentów |
|
MC14025BFELG Arkusz danych(PDF) 1 Page - ON Semiconductor |
|
MC14025BFELG Arkusz danych(HTML) 1 Page - ON Semiconductor |
1 / 14 page © Semiconductor Components Industries, LLC, 2006 October, 2006 − Rev. 6 1 Publication Order Number: MC14001B/D MC14001B Series B-Suffix Series CMOS Gates MC14001B, MC14011B, MC14023B, MC14025B, MC14071B, MC14073B, MC14081B, MC14082B The B Series logic gates are constructed with P and N channel enhancement mode devices in a single monolithic structure (Complementary MOS). Their primary use is where low power dissipation and/or high noise immunity is desired. Features • Supply Voltage Range = 3.0 Vdc to 18 Vdc • All Outputs Buffered • Capable of Driving Two Low−power TTL Loads or One Low−power Schottky TTL Load Over the Rated Temperature Range. • Double Diode Protection on All Inputs Except: Triple Diode Protection on MC14011B and MC14081B • Pin−for−Pin Replacements for Corresponding CD4000 Series B Suffix Devices • Pb−Free Packages are Available MAXIMUM RATINGS (Voltages Referenced to VSS) Symbol Parameter Value Unit VDD DC Supply Voltage Range −0.5 to +18.0 V Vin, Vout Input or Output Voltage Range (DC or Transient) −0.5 to VDD + 0.5 V Iin, Iout Input or Output Current (DC or Transient) per Pin ±10 mA PD Power Dissipation, per Package (Note 1) 500 mW TA Ambient Temperature Range −55 to +125 °C Tstg Storage Temperature Range −65 to +150 °C TL Lead Temperature (8−Second Soldering) 260 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Temperature Derating: Plastic “P and D/DW” Packages: – 7.0 mW/_C From 65_C To 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high−impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS v (Vin or Vout) v VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open. Device Description DEVICE INFORMATION MC14001B Quad 2−Input NOR Gate MC14011B Quad 2−Input NAND Gate MC14023B Triple 3−Input NAND Gate MC14025B Triple 3−Input NOR Gate MC14071B Quad 2−Input OR Gate MARKING DIAGRAMS 1 14 PDIP−14 P SUFFIX CASE 646 MC140xxBCP AWLYYWWG SOIC−14 D SUFFIX CASE 751A TSSOP−14 DT SUFFIX CASE 948G 1 14 140xxBG AWLYWW 14 0xxB ALYWG G 1 14 xx = Specific Device Code A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week G or G = Pb−Free Package SOEIAJ−14 F SUFFIX CASE 965 1 14 MC140xxB ALYWG MC14073B Triple 3−Input AND Gate MC14081B Quad 2−Input AND Gate MC14082B Dual 4−Input AND Gate See detailed ordering and shipping information in the package dimensions section on page 8 of this data sheet. ORDERING INFORMATION http://onsemi.com (Note: Microdot may be in either location) |
Podobny numer części - MC14025BFELG |
|
Podobny opis - MC14025BFELG |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |