Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS-4-14NA Arkusz danych(PDF) 4 Page - Coilcraft lnc.

Numer części CS-4-14NA
Szczegółowy opis  ROTARY SELECTOR SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COILCRAFT [Coilcraft lnc.]
Strona internetowa  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CS-4-14NA Arkusz danych(HTML) 4 Page - Coilcraft lnc.

  CS-4-14NA Datasheet HTML 1Page - Coilcraft lnc. CS-4-14NA Datasheet HTML 2Page - Coilcraft lnc. CS-4-14NA Datasheet HTML 3Page - Coilcraft lnc. CS-4-14NA Datasheet HTML 4Page - Coilcraft lnc. CS-4-14NA Datasheet HTML 5Page - Coilcraft lnc. CS-4-14NA Datasheet HTML 6Page - Coilcraft lnc. CS-4-14NA Datasheet HTML 7Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
● CS-4-12YA
● CS-4-12YB
● CS-4-12YC
● CS-4-12XB
● CS-4-12XC
● CS-4-13NA
● CS-4-13NB
5
2.3
2.35
2 – 0.8
t = 0.15
1.2
C
12
Production date code
0.6 W
× 2.3 L × 0.5 D
5
2.3
2.35
t = 0.15
2 – 0.8
1.2
C
12
Production date code
0.6 W
× 2.3 L × 0.5 D
5
2.3
2.54
4
±1
3 – 0.6
t = 0.15
C
1
2
Production date code
0.6 W
× 2.3 L × 0.5 D
5
C
1
2
0.6 W
× 2.3 L × 0.5 D
Production date code
2.35
2 – 0.8
t = 0.15
1.2
2.3
5
C
1
2
Production date code
2.3
2.35
t = 0.15
2 – 0.8
1.2
0.6 W
× 2.3 L × 0.5 D
5
C
1
2
Production date code
2.3
2.54
4
±1
3 – 0.6
t = 0.15
0.6 W
× 2.3 L × 0.5 D
5
C
1
23
0.6 W
× 2.3 L × 0.5 D
Production date code
2.3
1.3
3 – 0.5
t = 0.15
1.2
1.3
● CS-4-14NA
5
1.3
6 – 0.5
t = 0.15
1.3
NC
1
C
4
2
3
0.6 W
× 2.3 L × 0.5 D
Production date code
135
°
Moving range
3 – 45
°
Step angle
2.3
● CS-4-14NB
2.3
5
1.3
6 – 0.5
t = 0.15
1.3
NC
1
C
4
2
3
0.6 W
× 2.3 L × 0.5 D
Production date code
135
°
Moving range
3 – 45
°
Step angle
5
C
1 23
0.6 W
× 2.3 L × 0.5 D
Production date code
2.3
1.3
t = 0.15
3 – 0.5
1.2
1.3
● CS-4-12XA
CS-4
ROTARY SELECTOR SWITCHES (SMD)


Podobny numer części - CS-4-14NA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Copal Electronics
CS-4-14NA COPAL-CS-4-14NA Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
More results

Podobny opis - CS-4-14NA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Copal Electronics
RS_SERIES COPAL-RS_SERIES Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
SS-10 COPAL-SS-10 Datasheet
159Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
List of Unclassifed Man...
S-2050 ETC2-S-2050 Datasheet
180Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
Copal Electronics
CS-7 COPAL-CS-7 Datasheet
590Kb / 5P
   ROTARY SELECTOR SWITCHES (SMD)
CS-4 COPAL-CS-4 Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
CS-32 COPAL-CS-32 Datasheet
767Kb / 6P
   ROTARY SELECTOR SWITCHES (SMD)
logo
Omega Engineering, Inc.
OSW OMEGA-OSW Datasheet
463Kb / 3P
   Rotary Selector Switches For Thermocouple, RTD and Thermistor Circuits
logo
Cherry Semiconductor Co...
PEAA-3000 CHERRY-PEAA-3000 Datasheet
1Mb / 1P
   Selector Switches
PAAA-3000 CHERRY-PAAA-3000 Datasheet
1Mb / 1P
   SELECTOR SWITCHES
PBC1-E000 CHERRY-PBC1-E000 Datasheet
1Mb / 1P
   Selector Switches
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com