Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD826AR-REEL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD826AR-REEL7
Szczegółowy opis  High-Speed, Low-Power Dual Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD826AR-REEL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD826AR-REEL7 Datasheet HTML 5Page - Analog Devices AD826AR-REEL7 Datasheet HTML 6Page - Analog Devices AD826AR-REEL7 Datasheet HTML 7Page - Analog Devices AD826AR-REEL7 Datasheet HTML 8Page - Analog Devices AD826AR-REEL7 Datasheet HTML 9Page - Analog Devices AD826AR-REEL7 Datasheet HTML 10Page - Analog Devices AD826AR-REEL7 Datasheet HTML 11Page - Analog Devices AD826AR-REEL7 Datasheet HTML 12Page - Analog Devices AD826AR-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AD826
–9–
VS
TEKTRONIX
P6201 FET
PROBE
PULSE (LS)
OR FUNCTION (SS)
GENERATOR
1/2
AD826
1k
0.01 F
RL
VOUT
TEKTRONIX
7A24
PREAMP
RIN
1k
50
VIN
3.3 F
0.01 F
–VS
3.3 F
Figure 30. Inverting Amplifier Configuration
10
90
100
0%
5V
50ns
5V
Figure 31. Inverting Large Signal Pulse Response,
RL = 1 k
10
90
100
0%
5V
50ns
5V
Figure 32. Inverting Large Signal Pulse Response,
RL = 150
10
90
100
0%
200mV
50ns
200mV
Figure 33. Inverting Small Signal Pulse Response,
RL = 1 k
10
90
100
0%
200mV
50ns
200mV
Figure 34. Inverting Small Signal Pulse Response,
RL = 150
REV. C


Podobny numer części - AD826AR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD826AR-REEL7 AD-AD826AR-REEL7 Datasheet
231Kb / 14P
   High-Speed, Low-Power Dual Operational Amplifier
REV. B
More results

Podobny opis - AD826AR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
   High-Speed, Low-Power Dual Operational Amplifier
REV. B
AD826ARZ AD-AD826ARZ Datasheet
725Kb / 15P
   High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ANZ AD-AD826ANZ Datasheet
725Kb / 12P
   High-Speed, Low-Power Dual Operational Amplifier
AD826 AD-AD826_15 Datasheet
725Kb / 15P
   High-Speed, Low-Power Dual Operational Amplifier
REV. C
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195_02 Datasheet
334Kb / 12P
   Low Power, High Speed Operational Amplifier
logo
Analog Devices
AD847 AD-AD847_17 Datasheet
602Kb / 6P
   High Speed Low Power Operational Amplifier
logo
National Semiconductor ...
OPA2832 NSC-OPA2832 Datasheet
949Kb / 37P
   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA2832 TI1-OPA2832 Datasheet
952Kb / 37P
[Old version datasheet]   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com