Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA0204 Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części SMA0204
Szczegółowy opis  Professional Thin Film Leaded Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMA0204 Arkusz danych(HTML) 4 Page - Vishay Siliconix

  SMA0204 Datasheet HTML 1Page - Vishay Siliconix SMA0204 Datasheet HTML 2Page - Vishay Siliconix SMA0204 Datasheet HTML 3Page - Vishay Siliconix SMA0204 Datasheet HTML 4Page - Vishay Siliconix SMA0204 Datasheet HTML 5Page - Vishay Siliconix SMA0204 Datasheet HTML 6Page - Vishay Siliconix SMA0204 Datasheet HTML 7Page - Vishay Siliconix SMA0204 Datasheet HTML 8Page - Vishay Siliconix SMA0204 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Document Number: 28766
For technical questions, contact: filmresistorsleaded@vishay.com
www.vishay.com
Revision: 03-Dec-12
25
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
Professional Thin Film Leaded Resistors
Vishay Beyschlag
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT\rARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For details related to packaging specs, refer datasheet link www.vishay.com/doc?28721
DIMENSIONS
Note
(1) For 7.5
 M < 10.0 mm, use version MBB/SMA 0207 ... L0 (welding joint not lacquered)
PACKAGING - Axial products
TYPE
REEL
TAPING ACC. IEC 60286-1
BOX
TAPING ACC. IEC 60286-1
PIECES
CODE
PIECES
CODE
MBA/SMA 0204
5000
RP
1000
5000
C1
CT
MBB/SMA 0207
5000
RP
1000
5000
C1
CT
MBE/SMA 0414
2500
R2
1000
C1
DIMENSIONS - Leaded resistor types, mass and relevant physical dimensions
TYPE
Dmax.
(mm)
Lmax.
(mm)
dnom.
(mm)
Imin.
(mm)
Mmin.
(mm)
MASS
(mg)
MBA/SMA 0204
1.6
3.6
0.5
29.0
5.0
125
MBB/SMA 0207
2.5
6.5
0.6
28.0
10.0 (1)
220
MBE/SMA 0414
4.2
11.9
0.8
31.0
15.0
700
L
d
D
I
I
M


Podobny numer części - SMA0204

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SMA0204 VISHAY-SMA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
SMA0204 VISHAY-SMA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
SMA0204 VISHAY-SMA0204 Datasheet
182Kb / 15P
   Professional Thin Film Leaded Resistors
Revision: 02-Nov-15
SMA0204HF VISHAY-SMA0204HF Datasheet
113Kb / 7P
   High Frequency Thin Film Leaded Resistors
Revision: 16-Oct-09
More results

Podobny opis - SMA0204

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204_15 Datasheet
182Kb / 15P
   Professional Thin Film Leaded Resistors
Revision: 02-Nov-15
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com