Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM358AN Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części LM358AN
Szczegółowy opis  Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM358AN Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  LM358AN Datasheet HTML 1Page - Fairchild Semiconductor LM358AN Datasheet HTML 2Page - Fairchild Semiconductor LM358AN Datasheet HTML 3Page - Fairchild Semiconductor LM358AN Datasheet HTML 4Page - Fairchild Semiconductor LM358AN Datasheet HTML 5Page - Fairchild Semiconductor LM358AN Datasheet HTML 6Page - Fairchild Semiconductor LM358AN Datasheet HTML 7Page - Fairchild Semiconductor LM358AN Datasheet HTML 8Page - Fairchild Semiconductor LM358AN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2
Features
• Internally Frequency Compensated for Unity Gain
• Large DC Voltage Gain: 100dB
• Wide Power Supply Range:
LM258/LM258A, LM358/LM358A: 3V~32V (or ±1.5V
~ 16V)
LM2904 : 3V~26V (or ±1.5V ~ 13V)
• Input Common Mode Voltage Range Includes Ground
• Large Output Voltage Swing: 0V DC to Vcc -1.5V DC
• Power Drain Suitable for Battery Operation.
Description
The LM2904,LM358/LM358A, LM258/LM258A consist of
two independent, high gain, internally frequency
compensated operational amplifiers which were designed
specifically to operate from a single power supply over a
wide range of voltage. Operation from split power supplies
is also possible and the low power supply current drain is
independent of the magnitude of the power supply voltage.
Application areas include transducer amplifier, DC gain
blocks and all the conventional OP-AMP circuits which now
can be easily implemented in single power supply systems.
8-DIP
8-SOP
1
1
Internal Block Diagram
-
+
+
-
1
2
3
45
6
7
8
VCC
OUT2
IN2 (-)
IN2 (+)
OUT1
IN1 (-)
IN1 (+)
GND
LM2904,LM358/LM358A,LM258/
LM258A
Dual Operational Amplifier


Podobny numer części - LM358AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM358AN NSC-LM358AN Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
NXP Semiconductors
LM358AN PHILIPS-LM358AN Datasheet
122Kb / 12P
   Low power dual operational amplifi
2002 Jul 12
logo
STMicroelectronics
LM358AN STMICROELECTRONICS-LM358AN Datasheet
271Kb / 16P
   Low Power Dual Operational Amplifiers
LM358AN STMICROELECTRONICS-LM358AN Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM358AN STMICROELECTRONICS-LM358AN Datasheet
323Kb / 19P
   Low power dual operational amplifiers
More results

Podobny opis - LM358AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com