Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA0414 Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części SMA0414
Szczegółowy opis  Professional Thin Film Leaded Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMA0414 Arkusz danych(HTML) 5 Page - Vishay Siliconix

  SMA0414 Datasheet HTML 1Page - Vishay Siliconix SMA0414 Datasheet HTML 2Page - Vishay Siliconix SMA0414 Datasheet HTML 3Page - Vishay Siliconix SMA0414 Datasheet HTML 4Page - Vishay Siliconix SMA0414 Datasheet HTML 5Page - Vishay Siliconix SMA0414 Datasheet HTML 6Page - Vishay Siliconix SMA0414 Datasheet HTML 7Page - Vishay Siliconix SMA0414 Datasheet HTML 8Page - Vishay Siliconix SMA0414 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28766
26
Revision: 03-Dec-12
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
Vishay Beyschlag
Professional Thin Film Leaded Resistors
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT\rARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MBB/SMA 0207 WITH RADIAL TAPING
LEAD SPACING (UB = 2.5 mm), SIZE 0207
LEAD SPACING (RB = 5.0 mm), SIZE 0207
PACKAGING - Radial products
TYPE
REEL
TAPING ACC. IEC 60286-2
BOX
TAPING ACC. IEC 60286-2
PIECES
CODE
PIECES
CODE
MBB/SMA 0207 RB
4000
R4
4000
N4
MBB/SMA 0207 UB
L
H
C
H
1
F
P
3 max.
Insulated
W
Direction of unreeling
DIMENSIONS in millimeters
Pitch of components
P
12.7 ± 1.0
Lead spacing
F
2.5 + 0.6, - 0.1
Width of carrier tape
W
18.0 + 1.0, - 0.5
Body to hole center
H
18.0 ± 2.0
Height for cutting (max.)
L
11
Height for bending
C
2.5 + 0, - 0.5
Height for insertion (max.)
H1
32
H
1
L
H
C
P
F
H
0
W
Insulated
3 max.
Direction of unreeling
DIMENSIONS in millimeters
Pitch of components
P
12.7 ± 1.0
Lead spacing
F
5.0 + 0.6, - 0.1
Width of carrier tape
W
18.0 + 1.0, - 0.5
Body to hole center
H
18.0 ± 2.0
Lead crimp to hole
center
H0
16.0 ± 0.5
Height for cutting (max.)
L
11
Height for bending
C
2.5 + 0, - 0.5
Height for insertion (max.)
H1
32


Podobny numer części - SMA0414

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SMA0414 VISHAY-SMA0414 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
SMA0414 VISHAY-SMA0414 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
SMA0414 VISHAY-SMA0414 Datasheet
182Kb / 15P
   Professional Thin Film Leaded Resistors
Revision: 02-Nov-15
More results

Podobny opis - SMA0414

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBA0204 VISHAY-MBA0204_15 Datasheet
182Kb / 15P
   Professional Thin Film Leaded Resistors
Revision: 02-Nov-15
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com