Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7265BCPZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD7265BCPZ
Szczegółowy opis  Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7265BCPZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD7265BCPZ Datasheet HTML 3Page - Analog Devices AD7265BCPZ Datasheet HTML 4Page - Analog Devices AD7265BCPZ Datasheet HTML 5Page - Analog Devices AD7265BCPZ Datasheet HTML 6Page - Analog Devices AD7265BCPZ Datasheet HTML 7Page - Analog Devices AD7265BCPZ Datasheet HTML 8Page - Analog Devices AD7265BCPZ Datasheet HTML 9Page - Analog Devices AD7265BCPZ Datasheet HTML 10Page - Analog Devices AD7265BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7265
Rev. A | Page 7 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
SGL/DIFF
1
2
3
4
5
6
7
8
REF SELECT
AVDD
DCAPA
VA1
AGND
AGND
DGND
VA2
23
A2
22
21
RANGE
18
VB1
19
AGND
20
DCAPB
24
A1
17
VB2
PIN 1
9
10 11 12 13 14 15 16
32 31 30 29 28 27 26 25
AD7265
TOP VIEW
(Not to Scale)
24
23
22
21
1
2
3
20
19
18
17
VB2
VB1
AGND
DCAPB
RANGE
SGL/DIFF
A2
A1
4
5
6
7
8
VA2
VA1
AGND
AGND
DCAPA
AVDD
REF SELECT
DGND
AD7265
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 3. 32-Lead SU-32-2
Figure 2. 32-Lead CP-32-2
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 29
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7265. Both DGND pins should
connect to the DGND plane of a system. The DGND and AGND voltages should ideally be at the same potential
and must not be more than 0.3 V apart, even on a transient basis.
2
REF SELECT
Internal/External Reference Selection. Logic input. If this pin is tied to DGND, the on-chip 2.5 V reference is used
as the reference source for both ADC A and ADC B. In addition, Pin D
A and Pin D
CAP
CAP
B must be tied to
decoupling capacitors. If the REF SELECT pin is tied to a logic high, an external reference can be supplied to the
AD7265 through the D
A pin and/or the D
B pin.
CAP
CAP
3
AVDD
Analog Supply Voltage, 2.7 V to 5.25 V. This is the only supply voltage for all analog circuitry on the AD7265. The
AV
and DV
DD
DD
voltages should ideally be at the same potential and must not be more than 0.3 V apart, even on a
transient basis. This supply should be decoupled to AGND.
4, 20
D
A, D
B
CAP
CAP
Decoupling Capacitor Pins. Decoupling capacitors (470 nF recommended) are connected to these pins to
decouple the reference buffer for each respective ADC. Provided the output is buffered, the on-chip reference
can be taken from these pins and applied externally to the rest of a system. The range of the external reference is
dependent on the analog input range selected.
5, 6, 19
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7265. All analog input signals and any
external reference signal should be referred to this AGND voltage. All three of these AGND pins should connect
to the AGND plane of a system. The AGND and DGND voltages ideally should be at the same potential and must
not be more than 0.3 V apart, even on a transient basis.
7 to 12
V to V
A1
A6
Analog Inputs of ADC A. These may be programmed as six single-ended channels or three true differential
analog input channel pairs. See Table 6.
13 to 18
VB6 to VB1
Analog Inputs of ADC B. These may be programmed as six single-ended channels or three true differential
analog input channel pairs. See Table 6.
21
RANGE
Analog Input Range Selection. Logic input. The polarity on this pin determines the input range of the analog
input channels. If this pin is tied to a logic low, the analog input range is 0 V to VREF. If this pin is tied to a logic
high when CS goes low, the analog input range is 2 × V . See the Analog Input Selection section for details.
REF
22
SGL/DIFF
Logic Input. This pin selects whether the analog inputs are configured as differential pairs or single ended. A
logic low selects differential operation while a logic high selects single-ended operation. See the Analog Input
Selection section for details.
23 to 25
A2 to A0
Multiplexer Select. Logic inputs. These inputs are used to select the pair of channels to be simultaneously
converted, such as Channel 1 of both ADC A and ADC B, Channel 2 of both ADC A and ADC B, and so on. The pair
of channels selected may be two single-ended channels or two differential pairs. The logic states of these pins
need to be set up prior to the acquisition time and subsequent falling edge of CS to correctly set up the
multiplexer for that conversion. See the Analog Input Selection section for further details and Table 6 for
multiplexer address decoding.
26
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the AD7265
and framing the serial data transfer.
27
SCLK
Serial Clock. Logic input. A serial clock input provides the SCLK for accessing the data from the AD7265. This
clock is also used as the clock source for the conversion process.


Podobny numer części - AD7265BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7265BCPZ AD-AD7265BCPZ Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
AD7265BCPZ-REEL7 AD-AD7265BCPZ-REEL7 Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
More results

Podobny opis - AD7265BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265 AD-AD7265_17 Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
AD7266BSUZ AD-AD7266BSUZ Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266 AD-AD7266_15 Datasheet
889Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266 AD-AD7266_17 Datasheet
691Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com