Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7265BCP Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7265BCP
Szczegółowy opis  Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7265BCP Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7265BCP Datasheet HTML 5Page - Analog Devices AD7265BCP Datasheet HTML 6Page - Analog Devices AD7265BCP Datasheet HTML 7Page - Analog Devices AD7265BCP Datasheet HTML 8Page - Analog Devices AD7265BCP Datasheet HTML 9Page - Analog Devices AD7265BCP Datasheet HTML 10Page - Analog Devices AD7265BCP Datasheet HTML 11Page - Analog Devices AD7265BCP Datasheet HTML 12Page - Analog Devices AD7265BCP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD7265
Rev. A | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, unless otherwise noted.
A
SUPPLY RIPPLE FREQUENCY (kHz)
2000
0
200
400
600
800 1000 1200 1400 1600 1800
–60
–70
–80
–90
–100
–110
–120
100mV p-p SINE WAVE ON AVDD
NO DECOUPLING
SINGLE-ENDED MODE
EXTERNAL REFERENCE
INTERNAL REFERENCE
FREQUENCY (kHz)
500
0
50
100
150
200
250
300
350
400
450
–10
–30
–50
–70
–90
–110
4096 POINT FFT
VDD = 5V, VDRIVE = 3V
FSAMPLE = 1MSPS
FIN = 26kHz
SINAD = 71.4dB
THD = –84.42dB
DIFFERENTIAL MODE
Figure 7. FFT
Figure 4. PSRR vs. Supply Ripple Frequency Without Supply Decoupling
CODE
4000
0
1000
2000
3000
3500
500
1500
2500
1.0
0.6
0.8
0.2
0.4
–0.2
0
–0.6
–0.8
–0.4
–1.0
VDD = 5V, VDRIVE = 3V
DIFFERENTIAL MODE
NOISE FREQUENCY (kHz)
1000
0
100
200
300
400
500
600
800
700
900
–50
–55
–60
–65
–70
–75
–90
–95
–80
–85
–100
VDD = 5V
Figure 8. Typical DNL
Figure 5. Channel-to-Channel Isolation
CODE
4000
0
500
1000
1500
2000
2500
3000
3500
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VDD = 5V, VDRIVE = 3V
DIFFERENTIAL MODE
INPUT FREQUENCY (kHz)
1000
0
500
74
72
68
70
66
VDD = 5V
DIFFERENTIAL MODE
VDD = 3V
DIFFERENTIAL MODE
RANGE = 0 TO VREF
Figure 6. SINAD vs. Analog Input Frequency for Various Supply Voltages
Figure 9. Typical INL


Podobny numer części - AD7265BCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7265BCP AD-AD7265BCP Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7265BCPZ AD-AD7265BCPZ Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
AD7265BCPZ-REEL7 AD-AD7265BCPZ-REEL7 Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
More results

Podobny opis - AD7265BCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265 AD-AD7265_17 Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
AD7266BSUZ AD-AD7266BSUZ Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266 AD-AD7266_15 Datasheet
889Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266 AD-AD7266_17 Datasheet
691Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com