Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1000FL-AU_FD_10001 Arkusz danych(PDF) 4 Page - Pan Jit International Inc.

Numer części GS1000FL-AU_FD_10001
Szczegółowy opis  SURFACE GENERAL PURPOSE RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1000FL-AU_FD_10001 Arkusz danych(HTML) 4 Page - Pan Jit International Inc.

  GS1000FL-AU_FD_10001 Datasheet HTML 1Page - Pan Jit International Inc. GS1000FL-AU_FD_10001 Datasheet HTML 2Page - Pan Jit International Inc. GS1000FL-AU_FD_10001 Datasheet HTML 3Page - Pan Jit International Inc. GS1000FL-AU_FD_10001 Datasheet HTML 4Page - Pan Jit International Inc. GS1000FL-AU_FD_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Part No_packing code_Version
GS1000FL-AU_R1_000A1
GS1000FL-AU_R2_000A1
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D
PAGE . 4
REV.0.3-JUN.9.2009
GS1000FL-AU~GS1010FL-AU


Podobny numer części - GS1000FL-AU_FD_10001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
GS1000FL PANJIT-GS1000FL Datasheet
102Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
GS1000FL PANJIT-GS1000FL Datasheet
132Kb / 3P
   SURFACE GENERAL PURPOSE RECTIFIERS
logo
YENYO TECHNOLOGY Co., L...
GS1000FL YENYO-GS1000FL Datasheet
234Kb / 2P
   1.0A General Purpose Rectifier
logo
SUNMATE electronic Co.,...
GS1000FL SUNMATE-GS1000FL Datasheet
297Kb / 2P
   SURFACE MOUNT RECTIFIER DIODES
logo
Zibo Seno Electronic En...
GS1000FL ZSELEC-GS1000FL Datasheet
139Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
More results

Podobny opis - GS1000FL-AU_FD_10001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
GS1504FL PANJIT-GS1504FL Datasheet
84Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
GS1004HE PANJIT-GS1004HE Datasheet
136Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
GS1000FL PANJIT-GS1000FL_09 Datasheet
132Kb / 3P
   SURFACE GENERAL PURPOSE RECTIFIERS
GS1006HE-AU PANJIT-GS1006HE-AU Datasheet
96Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
GS1504FL-AU PANJIT-GS1504FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
S2A CTC-S2A Datasheet
108Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com