Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI2301BDS-T1-GE3 Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części SI2301BDS-T1-GE3
Szczegółowy opis  P-Channel 2.5 V (G-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2301BDS-T1-GE3 Arkusz danych(HTML) 4 Page - Vishay Siliconix

  SI2301BDS-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI2301BDS-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI2301BDS-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI2301BDS-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI2301BDS-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI2301BDS-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI2301BDS-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI2301BDS-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI2301BDS-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 72066
S11-2044-Rev. F, 17-Oct-11
Vishay Siliconix
Si2301BDS
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
10
0.1
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 25 °C
1
- 0.2
- 0.1
0.0
0.1
0.2
0.3
0.4
- 50
- 25
0
25
50
75
100
125
150
TJ - Temperature (°C)
ID = 250 µA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
1234
5
VGS - Gate-to-Source Voltage (V)
ID = 2.8 A
Time (s)
TA = 25 °C
10
8
6
4
2
0
0.01
0.1
1
10
100
1000
Safe Operating Area
Square Wave Pulse Duration (s)
VDS - Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
0.1
10 µs
100 µs
1 ms
10 ms
100 ms
TA = 25 °C
Single Pulse
DC, 100 s, 10 s, 1 s
RDS(on)*
Limited by
* VGS
minimum VGS at which RDS(on) is specified


Podobny numer części - SI2301BDS-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
SI2301BDS-T1-GE3 VBSEMI-SI2301BDS-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Podobny opis - SI2301BDS-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
logo
Guangdong Kexin Industr...
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Sep-97
SI3441DV-T1 VISHAY-SI3441DV-T1 Datasheet
52Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. G, 01-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
S-71951-Rev. B, 10-Sep-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com