Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN2890ACPZ-RL7 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADN2890ACPZ-RL7
Szczegółowy opis  3.3 V 2.7 Gb/s Limiting Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN2890ACPZ-RL7 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADN2890ACPZ-RL7 Datasheet HTML 2Page - Analog Devices ADN2890ACPZ-RL7 Datasheet HTML 3Page - Analog Devices ADN2890ACPZ-RL7 Datasheet HTML 4Page - Analog Devices ADN2890ACPZ-RL7 Datasheet HTML 5Page - Analog Devices ADN2890ACPZ-RL7 Datasheet HTML 6Page - Analog Devices ADN2890ACPZ-RL7 Datasheet HTML 7Page - Analog Devices ADN2890ACPZ-RL7 Datasheet HTML 8Page - Analog Devices ADN2890ACPZ-RL7 Datasheet HTML 9Page - Analog Devices ADN2890ACPZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADN2890
Rev. 0 | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AVCC 1
5
6
7
8
16
15
14
13
PIN 2
TOP VIEW
(Not To Scale)
NIN 3
AVEE 4
DRVCC
12
OUTN
10
DRVEE
9
OUTP
11
ADN2890
Figure 2. Pin Configuration
Note: There is an exposed pad on the bottom of the package that must be connected to the GND plane with filled vias.
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
I/O
Description
1
AVCC
Power
Analog Power
2
PIN
Input
Differential Data Input
3
NIN
Input
Differential Data Input
4
AVEE
Power
Analog Ground
5
THRADJ
Input
LOS Threshold Adjust Resistor
6
CAZ1
Offset Correction Loop Capacitor
7
CAZ2
Offset Correction Loop Capacitor
8
LOS
Output
LOS Detector Output
9
DRVEE
Power
Output Buffer Ground
10
OUTN
Output
Differential Data Output
11
OUTP
Output
Differential Data Output
12
DRVCC
Power
Output Buffer Power
13
SQUELCH
Input
Disable Outputs
14
RSSI_OUT
Output
Average Current Output
15
PD_VCC
Power
Power Input for RSSI Measurement
16
PD_CATHODE
Output
Photodiode Bias Voltage
Exposed Pad
Pad
Power
Connect to Ground


Podobny numer części - ADN2890ACPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2890ACPZ-RL7 AD-ADN2890ACPZ-RL7 Datasheet
350Kb / 12P
   Limiting Amplifier
More results

Podobny opis - ADN2890ACPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2890 AD-ADN2890_15 Datasheet
269Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. A
ADN2890 AD-ADN2890 Datasheet
263Kb / 12P
   3.3 V 2.7 Gb/s Limiting Amplifier
REV. 0
ADN2892 AD-ADN2892 Datasheet
237Kb / 12P
   3.3 V 4.25 Gb/s Limiting Amplifier
Rev. PrA
logo
TriQuint Semiconductor
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier
logo
Analog Devices
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_15 Datasheet
440Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. B
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_17 Datasheet
454Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com