Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC550CBU Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części BC550CBU
Szczegółowy opis  Switching and Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC550CBU Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  BC550CBU Datasheet HTML 1Page - Fairchild Semiconductor BC550CBU Datasheet HTML 2Page - Fairchild Semiconductor BC550CBU Datasheet HTML 3Page - Fairchild Semiconductor BC550CBU Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BC546
: BC547/550
: BC548/549
80
50
30
V
V
V
VCEO
Collector-Emitter Voltage : BC546
: BC547/550
: BC548/549
65
45
30
V
V
V
VEBO
Emitter-Base Voltage
: BC546/547
: BC548/549/550
6
5
V
V
IC
Collector Current (DC)
100
mA
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB=30V, IE=0
15
nA
hFE
DC Current Gain
VCE=5V, IC=2mA
110
800
VCE (sat)
Collector-Emitter Saturation Voltage
IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
90
200
250
600
mV
mV
VBE (sat)
Base-Emitter Saturation Voltage
IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
700
900
mV
mV
VBE (on)
Base-Emitter On Voltage
VCE=5V, IC=2mA
VCE=5V, IC=10mA
580
660
700
720
mV
mV
fT
Current Gain Bandwidth Product
VCE=5V, IC=10mA, f=100MHz
300
MHz
Cob
Output Capacitance
VCB=10V, IE=0, f=1MHz
3.5
6
pF
Cib
Input Capacitance
VEB=0.5V, IC=0, f=1MHz
9
pF
NF
Noise Figure
: BC546/547/548
: BC549/550
: BC549
: BC550
VCE=5V, IC=200µA
f=1KHz, RG=2KΩ
VCE=5V, IC=200µA
RG=2KΩ, f=30~15000MHz
2
1.2
1.4
1.4
10
4
4
3
dB
dB
dB
dB
Classification
A
B
C
hFE
110 ~ 220
200 ~ 450
420 ~ 800
BC546/547/548/549/550
Switching and Applications
• High Voltage: BC546, VCEO=65V
• Low Noise: BC549, BC550
• Complement to BC556 ... BC560
1. Collector 2. Base 3. Emitter
TO-92
1


Podobny numer części - BC550CBU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BC550CBU FAIRCHILD-BC550CBU Datasheet
151Kb / 6P
   Switching and Amplifier
BC550CBU FAIRCHILD-BC550CBU Datasheet
141Kb / 6P
   NPN Epitaxial Silicon Transistor
More results

Podobny opis - BC550CBU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
   Switching and Applications Switching and Applications
BC546BTA FAIRCHILD-BC546BTA Datasheet
50Kb / 4P
   Switching and Applications
BC546BTF FAIRCHILD-BC546BTF Datasheet
55Kb / 4P
   Switching and Applications
BC547BTA FAIRCHILD-BC547BTA Datasheet
55Kb / 4P
   Switching and Applications
BC549CTA FAIRCHILD-BC549CTA Datasheet
50Kb / 4P
   Switching and Applications
logo
Unisonic Technologies
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC846 UTC-BC846_10 Datasheet
238Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC640TA FAIRCHILD-BC640TA Datasheet
111Kb / 5P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC337 UTC-BC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC556 UTC-BC556 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com