Zakładka z wyszukiwarką danych komponentów |
|
LM2901NX Arkusz danych(PDF) 4 Page - Fairchild Semiconductor |
|
LM2901NX Arkusz danych(HTML) 4 Page - Fairchild Semiconductor |
4 / 8 page LM2901,LM339/LM339A,LM3302 LM239/LM239A 4 Electrical Characteristics (Continued) (VCC = 5V, TA = 25 °C, unless otherwise specified) Note: 1. LM339/LM339A : 0 ≤ TA ≤ +70°C LM2901/LM3302 : -40 ≤ TA ≤ +85°C LM239/LM239A : -25 ≤ TA ≤ +85°C 2. These parameters, although guaranteed, are not 100% tested in production. Parameter Symbol Conditions LM2901 LM3302 Unit Min. Typ. Max. Min. Typ. Max. Input Offset Voltage VIO VO(P) =1.4V, RS = 0 Ω -2 7 - 2 20 mV Note1 - 9 15 - - 40 Input Offset Current IIO - 2.3 50 - 3 100 nA Note1 - 50 200 - - 300 Input Bias Current IBIAS - 57 250 - 57 250 nA Note1 - 200 500 - - 1000 Input Common Mode Voltage Range VI(R) LM2901, VCC =30V LM3302, VCC =28V 0- VCC -1.5 0- VCC -1.5 V Note1 0 - VCC -2 0- VCC -2 Supply Current ICC RL = ∞, VCC=5V - 1.1 2.0 - 1.1 2.0 mA RL = ∞,VCC=30V (LM3302, VCC =28V) - 1.6 2.5 - 1.6 2.5 Voltage Gain GV VCC =15V, RL ≥ 15kΩ (for large swing) 25 100 - 2 30 - V/ mV Large Signal Response Time TLRES VI =TTL Logic Swing VREF =1.4V, VRL =5V, RL =5.1k Ω (Note2) - 300 - - 300 - ns Response Time TRES VRL = 5V, RL = 5.1k Ω (Note2) - 1.3 - - 1.3 - µs Output Sink Current ISINK VI(-) ≥ 1V, VI(+) =0V, VO(P) ≤ 1.5V 6 18 - 6 18 - mA Output Saturation Voltage VSAT VI(-) ≥ 1V, VI(+) = 0V - 140 400 - 140 400 mV ISINK =4mA Note1 - - 700 - - 700 Output Leakage Current IO(LKG) VI(-) = 0V VI(+) = 1V VO(P) = 5V - 0.1 - - 0.1 - nA VO(P) = 30V - - 1.0 - - 1.0 µA Differential Voltage VI(DIFF) Note1 - -36- -28 V |
Podobny numer części - LM2901NX |
|
Podobny opis - LM2901NX |