Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBD6100W-AU_LU_00001 Arkusz danych(PDF) 1 Page - Pan Jit International Inc.

Numer części MMBD6100W-AU_LU_00001
Szczegółowy opis  SURFACE MOUNT SWITCHING DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD6100W-AU_LU_00001 Arkusz danych(HTML) 1 Page - Pan Jit International Inc.

  MMBD6100W-AU_LU_00001 Datasheet HTML 1Page - Pan Jit International Inc. MMBD6100W-AU_LU_00001 Datasheet HTML 2Page - Pan Jit International Inc. MMBD6100W-AU_LU_00001 Datasheet HTML 3Page - Pan Jit International Inc. MMBD6100W-AU_LU_00001 Datasheet HTML 4Page - Pan Jit International Inc. MMBD6100W-AU_LU_00001 Datasheet HTML 5Page - Pan Jit International Inc. MMBD6100W-AU_LU_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
REV.0.1-FEB.10.2009
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
80 Volts
200mWatts
MECHANICAL
Case: SOT-323 plastic
Terminals : Solderable per MIL-STD-750,Method 2026
Approx weight : 0.005 gram
Marking : T4
DATA
POWER
ABSOLUTE RATINGS
NOTE:
1. FR-4 Board=70 x 60 x 1mm.
THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
E
U
L
A
V
S
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
m
u
m
ix
a
M
VR
0
8
V
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
VRRM
0
8
V
t
n
e
rr
u
C
d
r
a
w
r
o
F
s
u
o
u
n
it
n
o
C
IF
2
.
0
A
0
.
1
=
t
t
a
t
n
e
rr
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
e
v
it
it
e
p
e
r-
n
o
N
µs
IFSM
4.0
A
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
E
U
L
A
V
S
T
I
N
U
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
)
1
(
PTOT
0
0
2
W
m
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
1
(
RΘJA
5
2
6
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
TJ
0
5
1
o
t
5
5
-
O
C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
TSTG
0
5
1
o
t
5
5
-
O
C
MMBD6100W
-AU
DATA SHEET
COMMON CATHODE
SOT-323
Unit: inch (mm)
0.087(2.20)
0.070(1.80)
0.054(1.35)
0.045(1.15)
0.056(1.40)
0.047(1.20)
0.004(0.10)MAX.
0.006(0.15)
0.002(0.05)
0.016(0.40)
0.008(0.20)
0.044(1.10)
0.035(0.90)
FEATURES
Dual, common cathode configuration
Very fast reverse recovery ( Trr< 2.0ns typical )
Low capacitance ( < 2.5pF @ 0V)
Surface mount package ideally suited for anuomatic insetion
Acqire quality system certificate : TS16949
• Green molding compound as per IEC61249 Std. . (Halogen Free)
Lead free in comply with EU RoHS 2002/95/EC directives.


Podobny numer części - MMBD6100W-AU_LU_00001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
MMBD6100W PANJIT-MMBD6100W Datasheet
859Kb / 4P
   SURFACE MOUNT SWITCHING DIODES
MMBD6100W PANJIT-MMBD6100W_09 Datasheet
572Kb / 4P
   SURFACE MOUNT SWITCHING DIODES
MMBD6100W PANJIT-MMBD6100W_13 Datasheet
169Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
MMBD6100W_R1_00001 PANJIT-MMBD6100W_R1_00001 Datasheet
169Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
MMBD6100W_R2_00001 PANJIT-MMBD6100W_R2_00001 Datasheet
169Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
More results

Podobny opis - MMBD6100W-AU_LU_00001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com