Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES1D Arkusz danych(PDF) 1 Page - Yea Shin Technology Co., Ltd

Numer części ES1D
Szczegółowy opis  SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YEASHIN [Yea Shin Technology Co., Ltd]
Strona internetowa  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

ES1D Arkusz danych(HTML) 1 Page - Yea Shin Technology Co., Ltd

  ES1D Datasheet HTML 1Page - Yea Shin Technology Co., Ltd ES1D Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT SUPERFAST RECTIFIER
VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Superfast recovery times for high efficiency
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• Glass passivated junction
• High temperature soldering:
260
/ 10 seconds at terminals
High temperature soldering : 260
OC / 10 seconds at terminals
Pb free produ
ct at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
• Case: JEDEC DO-214AC molded plastic
• Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity: Indicated by cathode band
• Standard packaging: 12mm tape (EIA-481)
• Weight: 0.002 ounce, 0.064 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave 60Hz resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOLS
ES1A
ES1B
ES1C
ES1D
ES1E
ES1G
ES1J
UNITS
Maximum Recurrent Peak Reverse V oltage
VRRM
50
100
150
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
Volts
Maximum Average For ward Rect if ied Current ,
at TL=120
Volts
1.0
Amps
Peak For ward Surge Current 8.3ms single half
si newave superi mposed on rated load(JEDEC method)
IFSM
30.0
Amps
Maximum Instantaneous Forward Vol tage at 1.0A
VF
0.95
1.25
1.7
Volts
Maxi mum DC Reverse Current T A=25
At Rated DC Blocking Voltage TA=100
5.0
100
uA
Maximum Reverse Recovery Time (Note 1)
35.0
nS
Typi cal Junction capacitance (Note 2)
10.0
pF
Typical Thermal Resistance (Note 3 )
35
/W
Operating and Storage Temperature Range
-55to +150
NOTES:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1 MHz and Applied reverse voltage of 4.0 volts
3. 8.0mm2 (.013mm thick) land areas
SMA/DO-214AC
Unit:inch(mm)
.062(1.60)
.047(1.20)
.012(.305)
.006(.152)
.008(.203 )
.002(.051)
.060(1.52)
.030(0.76)
.181(4.60)
.157(4.00)
.208(5.28)
.188(4.80)
.114(2.90)
.098(2.50)
.096(2.44)
.078(2.00)
OC
OC
IR
TRR
Cj
TSTG
R
θJA
DATA SHEET
ES1A~ES1J
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C
°C
°C
°C


Podobny numer części - ES1D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
ES1D PANJIT-ES1D Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diotech Company.
ES1D DIOTECH-ES1D Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
SAMYANG ELECTRONICS CO....
ES1D SAMYANG-ES1D Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
logo
General Semiconductor
ES1D GE-ES1D Datasheet
80Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results

Podobny opis - ES1D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
ER1A PANJIT-ER1A Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
E1A YEASHIN-E1A Datasheet
365Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
ER1A YEASHIN-ER1A Datasheet
43Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFI ER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
ER3A YEASHIN-ER3A Datasheet
786Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere
ES2A YEASHIN-ES2A Datasheet
472Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
EK3A YEASHIN-EK3A Datasheet
422Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Ampere
E2A YEASHIN-E2A Datasheet
138Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
EK5A YEASHIN-EK5A Datasheet
447Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 5.0 Ampere
logo
Surge Components
ES1A SURGE-ES1A Datasheet
83Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes?
logo
Pan Jit International I...
1E1 PANJIT-1E1 Datasheet
57Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com