Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC79XX Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części MC79XX
Szczegółowy opis  3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC79XX Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button MC79XX Datasheet HTML 6Page - Fairchild Semiconductor MC79XX Datasheet HTML 7Page - Fairchild Semiconductor MC79XX Datasheet HTML 8Page - Fairchild Semiconductor MC79XX Datasheet HTML 9Page - Fairchild Semiconductor MC79XX Datasheet HTML 10Page - Fairchild Semiconductor MC79XX Datasheet HTML 11Page - Fairchild Semiconductor MC79XX Datasheet HTML 12Page - Fairchild Semiconductor MC79XX Datasheet HTML 13Page - Fairchild Semiconductor MC79XX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MC79XX (LM79XX) (KA79XX/A)
FIXED VOLTAGE REGULATOR (NEGATIVE)
LM7905A ELECTRICAL CHARACTERISTICS
(VI = 10V, lO = 500mA, 0
°C ≤T
J
≤ +125°C, C
I =2.2
µF, C
O =1
µF, unless otherwise specified.)
* Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty is used.
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
TJ =+ 25
°C
- 4.9
- 5.0
- 5.1
Output Voltage
VO
IO = 5mA to 1A, PO 15W
VI = -7 to -20V
- 4.8
-5.0
- 5.2
V
VI = -7 to -20V
IO=1A
5
50
VI = -8 to -12V
IO=1A
2
25
VI = -7.5 to -25V
7
50
VI= -8 to -12V
IO=1A
7
50
IO = 5mA to 1.5A
10
100
TJ =+ 25
°C
IO = 250 to 750mA
3
50
Quiescent Current
IQ
TJ = +25
°C
3
6
mA
IO = 5mA to 1A
0.05
0.5
VI = -8 to -25V
0.1
0.8
Temperature Coefficient of VD
∆V
O/
∆T
IO = 5mA
- 0.4
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100KHz
TA =+ 25
°C
40
µV
Ripple Rejection
RR
f = 120Hz, IO = -35V
∆V
I = 10V
54
60
dB
Dropout Voltage
VD
TJ=+ 25
°C
IO = 1A
2
V
Short Circuit Current
ISC
TJ =+ 25
°C, V
I = -35V
300
mA
Peak Current
IPK
TJ =+ 25
°C
2.2
A
Load Regulation
∆V
O
Line Regulation
∆V
O
TJ =+25
°C
mV
mV
Quiescent Current Change
∆I
Q
mA


Podobny numer części - MC79XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX Datasheet
117Kb / 15P
   FIXED VOLTAGE REGULATOR (NEGATIVE)
MC79XX FAIRCHILD-MC79XX Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
ON Semiconductor
MC79XX/ ONSEMI-MC79XX/ Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Fairchild Semiconductor
MC79XXA FAIRCHILD-MC79XXA Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
More results

Podobny opis - MC79XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
LM79XX FAIRCHILD-LM79XX Datasheet
194Kb / 15P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7905 HUASHAN-H7905 Datasheet
220Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7915 HUASHAN-H7915 Datasheet
220Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7906 HUASHAN-H7906 Datasheet
216Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7909 HUASHAN-H7909 Datasheet
211Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
H7912 ETC2-H7912 Datasheet
162Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7924 HUASHAN-H7924 Datasheet
219Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7912 HUASHAN-H7912 Datasheet
217Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7918 HUASHAN-H7918 Datasheet
217Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7908 HUASHAN-H7908 Datasheet
218Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com