Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7530PBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF7530PBF
Szczegółowy opis  Trench Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7530PBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRF7530PBF Datasheet HTML 1Page - International Rectifier IRF7530PBF Datasheet HTML 2Page - International Rectifier IRF7530PBF Datasheet HTML 3Page - International Rectifier IRF7530PBF Datasheet HTML 4Page - International Rectifier IRF7530PBF Datasheet HTML 5Page - International Rectifier IRF7530PBF Datasheet HTML 6Page - International Rectifier IRF7530PBF Datasheet HTML 7Page - International Rectifier IRF7530PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
5.4
ID @ TA= 70°C
Continuous Drain Current, VGS @ 4.5V
4.3
A
IDM
Pulsed Drain Current

40
PD @TA = 25°C
Power Dissipation
1.3
PD @TA = 70°C
Power Dissipation
0.80
Linear Derating Factor
10
mW/°C
EAS
Single Pulse Avalanche Energy
„
33
mJ
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
5/13/04
HEXFET® Power MOSFET
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
100
°C/W
Thermal Resistance
VDSS = 20V
RDS(on) = 0.030Ω
Description
Absolute Maximum Ratings
W
www.irf.com
1
IRF7530PbF
l
Trench Technology
l
Ultra Low On-Resistance
l
Dual N-Channel MOSFET
l
Very Small SOIC Package
l
Low Profile (<1.1mm)
l
Available in Tape & Reel
l
Lead-Free
New trench HEXFET® power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the ruggedized device design that HEXFET
Power MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use in a wide
variety of applications.
The new Micro8
™ package has half the footprint area of the
standard SO-8. This makes the Micro8 an ideal device for
applicationswhereprintedcircuitboardspaceisatapremium.
The low profile (<1.1mm) of the Micro8 will allow it to fit easily
into extremely thin application environments such as portable
electronics and PCMCIA cards.
Micro8
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
PD - 95243


Podobny numer części - IRF7530PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7530PBF IRF-IRF7530PBF Datasheet
147Kb / 8P
   HEXFET Power MOSFET
IRF7530PBF IRF-IRF7530PBF Datasheet
152Kb / 8P
   Ultra Low On-Resistance
IRF7530PBF IRF-IRF7530PBF_15 Datasheet
152Kb / 8P
   Ultra Low On-Resistance
More results

Podobny opis - IRF7530PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7328TRPBF IRF-IRF7328TRPBF Datasheet
175Kb / 8P
   Trench Technology
IRF7663TR IRF-IRF7663TR Datasheet
82Kb / 7P
   Trench Technology
IRF7530TR IRF-IRF7530TR Datasheet
105Kb / 8P
   Trench Technology
IRF7241PBF IRF-IRF7241PBF_15 Datasheet
176Kb / 9P
   Trench Technology
IRF7324TRPBF IRF-IRF7324TRPBF Datasheet
169Kb / 8P
   Trench Technology
IRF7607TRPBF IRF-IRF7607TRPBF Datasheet
149Kb / 8P
   Trench Technology
IRF7329TRPBF IRF-IRF7329TRPBF Datasheet
179Kb / 9P
   Trench Technology
logo
DONGGUAN YOU FENG WEI E...
15L65SP-TO277 YFWDIODE-15L65SP-TO277 Datasheet
825Kb / 3P
   Advanced trench technology
logo
Vishay Siliconix
VS-GT105LA120UX VISHAY-VS-GT105LA120UX Datasheet
190Kb / 9P
   Trench IGBT technology
Revision: 17-Oct-16
logo
Vincotech
V23990-K222-A-PM VINCOTECH-V23990-K222-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop technology
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com