Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF1010 Arkusz danych(PDF) 1 Page - Yea Shin Technology Co., Ltd

Numer części UF1010
Szczegółowy opis  ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YEASHIN [Yea Shin Technology Co., Ltd]
Strona internetowa  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF1010 Arkusz danych(HTML) 1 Page - Yea Shin Technology Co., Ltd

  UF1010 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF1010 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ULTRAFAST SWITCHING RECTIFIER
VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
FEATURES
• Plastic package has Underwriters Laboratory
Flame Retardant Epoxy Molding Copound
• 1.0 ampere operation atTA=55 with nothermal runaway
• Ultra fastswitchingfor high efficiency
H
igh
• Pbfree product at available :99%
MECHANICA
L DATA
• Case: Molded plastic, DO-41
• Terminals: Axial leads, solderable per MIL-STD-202,
Method 208
• Polarity: Band denotes cathode
• Mounting Position: Any
• Weight: 0.013 ounce, 0.3 gram
MAXIMUM RATINGS AND
ELECTRICAL CHARACTERISTICS
R
atings at 25
J
ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
UF100
UF101
UF102
UF104
UF106
UF108
UF1010
UNITS
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
1.0
A
30.0
A
1.00
1.30
1.50
1.70
V
5
100
µA
µA
17.0
pF
60.0
Reverse Recovery Time
IF=.5A
, IR=1A, Irr=.25A
50
75
ns
Operating and Storage Temperature Range
-55
to +150
NOTES:
1.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2.
Thermal resistance from junction to ambient and from junction to lead length 0.375”(9.5mm) P.C.B. mounted
.034 (.86)
.028 (.71)
.205 (5.2)
.160 (4.1)
.107 (2.7)
.080 (2.0)
DIA.
DIA.
DO-41
Unit:inch(mm)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
DATA SHEET
UF100~UF1010
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
Flammability Classification 94V-O utilizing
Class passivaeed Jumction In DO-41 Package
Exceeds environmental standards at terminals
temperature soldering: 260°C
°C
Sn above meet RoHS environment
substance directive request
°C
CHARACTERISTICS
M
aximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
M
aximum DC Blocking Voltage
M
aximum Average Forward
R
ectified Current
@T
L =75°C
Peak For ward Surge Current
8.3ms single half sine- wave
superimposed on rated load (JEDEC METHOD)
M
aximum forward Voltage at 1.0A DC
M
aximum DC Reverse Current
@TJ =25
at Rated DC Blocking Voltage
@TJ =100
°C
°C
M
aximum Reverse Recovery Time (Note 1)
Typical Junction Resistance(Note 2)R JA
TSTG
TRR
R
θJL
CJ
IR
SYMBOL
°C/W
VF
°C


Podobny numer części - UF1010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
UF1010 PANJIT-UF1010 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
UF1010 TRSYS-UF1010 Datasheet
158Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF1010 PANJIT-UF1010 Datasheet
93Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER
UF1010 PANJIT-UF1010 Datasheet
45Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
UF1010 SUNMATE-UF1010 Datasheet
89Kb / 2P
   1.0A Axial Leaded Ultrfast Switching Fast Rectifier
More results

Podobny opis - UF1010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
UF100 PANJIT-UF100 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
UF100S PANJIT-UF100S Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
UF100G YEASHIN-UF100G Datasheet
43Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
logo
Pan Jit International I...
1U1 PANJIT-1U1 Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
UF150 YEASHIN-UF150 Datasheet
41Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Ampere
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com