Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF158 Arkusz danych(PDF) 1 Page - Yea Shin Technology Co., Ltd

Numer części UF158
Szczegółowy opis  ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YEASHIN [Yea Shin Technology Co., Ltd]
Strona internetowa  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF158 Arkusz danych(HTML) 1 Page - Yea Shin Technology Co., Ltd

  UF158 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF158 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ULT RAFAST SWITCHING RECTIFIER
VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Ampere
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
• Void-free Plastic in DO-15 package
• 1.5 ampere operation at TA=55 with no thermal runaway
• Exceeds environmental standards of MIL-S-19500/228
• Ultra fast switching for high efficiency
High temperature soldering : 260
OC / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment
substance directive request
MECHANICAL DATA
• Case: Molded plastic, DO-15
• Terminals: Axial leads, solderable per MIL-STD-202,
Method 208
• Polarity: Band denotes cathode
• Mounting Position: Any
• Weight: 0.015 ounce, 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
mbient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
UF150
UF151
UF152
UF154
UF156
UF158
UF1510
UNITS
Peak Rev erse Volt age, Pepet itive ; VRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
DC Bl ocking Voltage; VR
50
100
200
400
600
800
1000
V
Average Forward Current, Io @TA=55
3. 8”
lead l ength, 60Hz, resistive or inductive load
1.5
A
Peak Forward Surge Current IFM (surge)
8.3msec . single half sine- wave superi mposed
rated load (JEDEC method)
50
A
Maximum For ward Voltage VF @1.5A, 25
1.00
1.30
1.5
1.70
V
Maxi mum Reverse Current, @ Rated TA=25
Reverse Voltage TA=100
5
500
µA
µA
Typi cal Junction capacitance (Note 1) CJ
25
pF
Typical Junction Resi stance (Note 2) R JA
50
Reverse Recovery Time
IF=.5A, IR=1A, Irr=.25A
50
75
ns
Operating and Storage Temperature Range
-55 to +150
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2. Thermal resistance from junction to ambient and from junction to lead length 0.375”(9.5mm) P.C.B. mounted
DO-15
Unit:inch(mm)
.034 (.86)
.028 (.71)
.140 (3.6)
.104 (2.6)
.300 (7.6)
.230 (5.8)
DIA.
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
DATA SHEET
UF150~UF1510
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C
°C
°C
°C/W
°C
°C
°C
°C
on
SYMBOL
TRR
TSTG
R
θJL
CJ
IR
VF
I FSM
I(AV)
vDC
vRMS
vRRM


Podobny numer części - UF158

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
UF158 PANJIT-UF158 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Transys Electronics
UF158 TRSYS-UF158 Datasheet
156Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF158 PANJIT-UF158 Datasheet
51Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
UF158 PANJIT-UF158 Datasheet
43Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
UF158G PANJIT-UF158G Datasheet
56Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.5 Amperes)
More results

Podobny opis - UF158

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
UF100 PANJIT-UF100 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
UF100S PANJIT-UF100S Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
UF100 YEASHIN-UF100 Datasheet
79Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
UF100G YEASHIN-UF100G Datasheet
43Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
logo
Pan Jit International I...
1U1 PANJIT-1U1 Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
UF150 PANJIT-UF150 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
WILLAS ELECTRONIC CORP
DB151 WILLAS-DB151 Datasheet
565Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere
logo
Rectron Semiconductor
RL151 RECTRON-RL151 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere)
logo
Yea Shin Technology Co....
UF800F YEASHIN-UF800F Datasheet
39Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
UF800 YEASHIN-UF800 Datasheet
70Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com