Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FML18A292A000 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części FML18A292A000
Szczegółowy opis  Snap-in rocker switches - panel cut-out 19 x 13 (.750 x .508)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

FML18A292A000 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  FML18A292A000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FML18A292A000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FML18A292A000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D-44
APEM
www.apem.com
D
FM series
Snap-in rocker switches - panel cut-out 19 x 13 (.750 x .508)
Single pole - illuminated
• Lens : PC
• Contacts : silver
• Terminals : silver plated
• Lamp terminal : no plating
• Fluorescent lamp for blue or green lens,
neon lamp for other colours
• Panel cut-out :
• Approved ratings :
VDE : 10(4)A 250VAC T85°C - UL : 6A 250VAC & 125VAC T65°C
• LED types available :
3,3V (4V max.) 10mA LED (resistor to be series connected by the user)
5V or 12V LED with integrated resistor
• Initial contact resistance : 20mΩ max.
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength : 2.500 Vrms between terminals
• Electrical life at full load : 10 000 cycles
• Operating temperature: - 20°C to + 85°C
• Case, frame and rocker : PA6/6
Panel thickness
0,75 to 1,25 mm
1,25 to 2 mm
2 to 3 mm
Dim. Y
19,2 +0/-0,1
19,4 +0/-0,1
19,8 +0/-0,1
Dim. Z
12,9 +0,15/-0
12,9 +0,15/-0
12,9 +0,15/-0
FM
L
1
8
A
SERIES
Contacts
A
Silver
Lamp
A 220V neon
B 220V fluor.
C 110V neon
D 110V fluor.
LED 3,3V 10mA
E Blue
F Red/green
G Green
H Yellow
J White
K Red
L Orange
No resistor**
LED 5V
N Green
P Yellow
Q Red
LED 12V
T Green
U Yellow
V Red
Electr. function
1
ON
- OFF
Rocker
L Illumin.
concave
Terminals
8 Quick-connect
Frame colour
2
Black
Others : on
request.
Rocker colour
1
Blue
2
Black (std)
3
Green
4
Grey
5
Yellow
6
Red (std)
7
Ivory
7/1 White
9
Orange
Lens
colour
1 Blue *
3 Green *
5 Yellow
6 Red
8 Translucent
9 Orange
* w. fluorescent
lamp
Marking *
000 None
001
0
* Colour of marking : white for black rockers - black for other colours - Other : on request.
** Resistor value = supply voltage - LED forward voltage
LED forward current
AUTRES OPTIONS : voir Guide de Codification sur page ci-
Illuminated switches - quick-connect terminals
FML1
ON
-
OFF
21.00
9.30
0.80
7.00
12.80
7.00
18.80
3
2
1
1
32
(.827)
(.740)
(.275)
(.275)
(.031)
Y
(.504)
(.366)
For LED models, terminal 2 = cathode (-), terminal 3 = anode (+)
08-Serie FM-A_07-Serie FM-A 21/11/12 17:49 Page44


Podobny numer części - FML18A292A000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
FML10 ROHM-FML10 Datasheet
78Kb / 5P
   General purpose transistor (isolated transistor and diode)
logo
Guangdong Kexin Industr...
FML10 KEXIN-FML10 Datasheet
149Kb / 3P
   General purpose transistor
logo
First Components Intern...
FML11N90 FCI-FML11N90 Datasheet
117Kb / 2P
   11Amps 900 Voltage N Channel MOSFET
logo
Rectron Semiconductor
FML120 RECTRON-FML120 Datasheet
356Kb / 4P
   SUPER LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
FML120B RECTRON-FML120B Datasheet
329Kb / 6P
   SUPER LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
More results

Podobny opis - FML18A292A000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FMC98A2200006 ETC2-FMC98A2200006 Datasheet
279Kb / 3P
   Snap-in rocker switches - panel cut-out 19 x 13 (.750 x .508)
logo
Wurth Elektronik GmbH &...
471005264152 WURTH-471005264152 Datasheet
1Mb / 8P
   WS-RSTV 27.6 x 13.8 mm Panel Cut-out with 0.25' Quick connect terminal Rocker Switch
002.000
logo
CONEC Elektronische Bau...
15-00629X CONEC-15-00629X Datasheet
256Kb / 2P
   RECOMMENDED PANEL CUT-OUT
15-00630X CONEC-15-00630X Datasheet
342Kb / 2P
   RECOMMENDED PANEL CUT-OUT
logo
ITT Industries
D101J12S215QA ITT-D101J12S215QA Datasheet
369Kb / 5P
   Miniature Snap-in Power Rocker Switches
logo
List of Unclassifed Man...
R2401C2NBB ETC2-R2401C2NBB Datasheet
99Kb / 2P
   R SERIES SNAP-IN ROCKER SWITCHES
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
D101J12S215DQA CK-COMPONENTS-D101J12S215DQA Datasheet
1Mb / 5P
   Miniature Snap-in Power Rocker Switches
D CK-COMPONENTS-D Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
A01ES-D ETC2-A01ES-D Datasheet
1Mb / 5P
   Emergency stop switches • panel cut-out Ø 16 mm
2018
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com