Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA17711-107 Arkusz danych(PDF) 1 Page - ITT Industries

Numer części CA17711-107
Szczegółowy opis  ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

CA17711-107 Arkusz danych(HTML) 1 Page - ITT Industries

  CA17711-107 Datasheet HTML 1Page - ITT Industries CA17711-107 Datasheet HTML 2Page - ITT Industries CA17711-107 Datasheet HTML 3Page - ITT Industries CA17711-107 Datasheet HTML 4Page - ITT Industries CA17711-107 Datasheet HTML 5Page - ITT Industries CA17711-107 Datasheet HTML 6Page - ITT Industries CA17711-107 Datasheet HTML 7Page - ITT Industries CA17711-107 Datasheet HTML 8Page - ITT Industries CA17711-107 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
A-72
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
ITT Cannon is the foremost manufac-
turer of MS and MS type connectors
with the widest range of connector
styles, sizes and variations in the
industry. These connectors utilize the
finest materials, which, along with
precision manufacturing and rigid
quality control, assure ITT Cannon
customers of the finest quality con-
nectors. The MS A & B product line
has environmentally safe green and
black zinc alloy plating. The Black
zinc plating is RoHS complaint. The
plating is a high quality, uniform fin-
ish. The contact, which are preloaded
in
the
insulator,
have
been
redesigned such that the solder cups
remain in the proper orientation and
will not rotate during wiring termina-
tion. The contacts are machined for
strength and durability and plated
with silver. The Cannon MS A&B
design
meets
the
performance
requirements of the MIL-C-5015. The
product is available in all the popular
sizes and configurations available in
Class A (solid end bell) and Class B
(split end bell) versions.
Applications:
• Industrial Controls
• Test Equipment
• Traffic Signals
• Bus Systems
• High strength aluminum alloy connector
• High strength plastic insulators
• Environmentally safe shell finishes
• Protected against corrosion
• High quality plating finish
• Threaded coupling
• Product is tooled and available in 50 insert patterns
• Machined contacts
• Low cost
• UL recognized
Temperature Range:
–55°C to 125°C (-67°F to 257°F)
Current Rating:
13 A to 150 A*
Durability:
500 mating cycles min.
Wire Accommodation:
0 to 20 AWG*
No. of Contacts:
2 to 48
Termination:
Solder
*Depending on contact size.
h
si
n
iF
la
ir
e
t
a
M
n
o
it
p
ir
c
s
e
D
Green Zinc Standard, Black Zinc (RoHS), OD CAD
y
o
ll
A
m
u
n
i
m
u
l
A
ll
e
h
S
ci
t
s
a
l
P
d
r
a
H
r
o
t
a
l
u
s
n
I
r
e
v
li
S
y
o
ll
A
r
e
p
p
o
C
r
o
s
s
a
r
B
t
c
a
t
n
o
C
ELECTRICAL SERVICE DATA
Test current ratings of contacts and
allowable voltage drop under test con-
ditions when assembled as in service
are shown below. Maximum total cur-
rent to be carried per connector is the
same as the allowable in wire bundles
as specified in MIL-W-5088.
Contact
Test Current
Potential Drop
Size
(amps)
(millivolts)
16
13
49
12
23
42
846
28
480
23
0
150
21
HIGH POTENTIAL TEST VOLTAGE
MS connectors show no evidence of breakdown with the test voltage given
below is applied between the two closest contacts and between the shell and
the contacts closest to the shell for a period of one minute.
Test
Air
Creepage
MS
Voltage
Suggested*
Spacing
Distance
Service
(RMS)
Operating Voltages
Nom.
Nom.
Rating
60 cps
DC
AC (rms)
(inches)
(inches)
Inst.
1000
250
200
1/16
A
2000
700
500
1/16
1/8
D
2800
1250
900
1/8
3/16
E
3500
1750
1250
3/16
1/4
B
4500
2450
1750
1/4
5/16
C
7000
4200
3000
5/16
1
*As indicated in previous MS Specification and to be used by designer only as a guide.
CA /MS A&B
Product Features and Benefits
Performance Specifications
Materials and Finishes
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 72


Podobny numer części - CA17711-107

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
CA17 MACOM-CA17 Datasheet
360Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
CA17 MA-COM-CA17 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
CA17 MA-COM-CA17 Datasheet
636Kb / 3P
   Cascadable Amplifier
logo
Ledil, Inc.
CA17117 LEDIL-CA17117 Datasheet
2Mb / 5P
   ~15째 50째 oval beam
CA17280 LEDIL-CA17280 Datasheet
9Mb / 4P
   ~15째 spot beam. Assembly with black holder
More results

Podobny opis - CA17711-107

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ITT Industries
DENG9P-P1 ITT-DENG9P-P1 Datasheet
10Mb / 302P
   The ITT Cannon D Subminiature Family of connectors has grown to include a wide variety of styles
logo
List of Unclassifed Man...
DPXAMA-26-33S ETC2-DPXAMA-26-33S Datasheet
2Mb / 120P
   ITT Electronic Components is a division of the multinational ITT Corporation a $7.5billion dollar global enterprise.
logo
ITT Industries
KPT02E22-36PW ITT-KPT02E22-36PW Datasheet
326Kb / 31P
   The miniature circular connectors series KPT and KPSE from ITT Cannon are Manufactured acc
logo
List of Unclassifed Man...
5638A ETC2-5638A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
5649A ETC2-5649A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
logo
Shenzhen Huazhimei Semi...
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8024 HMSEMI-HM8024 Datasheet
570Kb / 7P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com