Zakładka z wyszukiwarką danych komponentów |
|
TIP31B-S Arkusz danych(PDF) 2 Page - Bourns Electronic Solutions |
|
TIP31B-S Arkusz danych(HTML) 2 Page - Bourns Electronic Solutions |
2 / 4 page TIP31, TIP31A, TIP31B, TIP31C NPN SILICON POWER TRANSISTORS 2 PRODU CT INFORMA TION JULY 1968 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice. NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%. 6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts. † Voltage and current values shown are nominal; exact values vary slightly with transistor parameters. electrical characteristics at 25°C case temperature PARAMETER TEST CONDITIONS MIN TYP MAX UNIT V(BR)CEO Collector-emitter breakdown voltage IC = 30 mA (see Note 5) IB = 0 TIP31 TIP31A TIP31B TIP31C 40 60 80 100 V ICES Collector-emitter cut-off current VCE = 80 V VCE =100 V VCE =120 V VCE =140 V VBE =0 VBE =0 VBE =0 VBE =0 TIP31 TIP31A TIP31B TIP31C 0.2 0.2 0.2 0.2 mA ICEO Collector cut-off current VCE = 30 V VCE = 60 V IB =0 IB =0 TIP31/31A TIP31B/31C 0.3 0.3 mA IEBO Emitter cut-off current VEB = 5 V IC =0 1 mA hFE Forward current transfer ratio VCE = 4 V VCE = 4 V IC = 1 A IC = 3 A (see Notes 5 and 6) 25 10 50 VCE(sat) Collector-emitter saturation voltage IB = 375 mA IC = 3 A (see Notes 5 and 6) 1.2 V VBE Base-emitter voltage VCE = 4 V IC = 3 A (see Notes 5 and 6) 1.8 V hfe Small signal forward current transfer ratio VCE = 10 V IC = 0.5 A f = 1 kHz 20 |h fe| Small signal forward current transfer ratio VCE = 10 V IC = 0.5 A f = 1 MHz 3 thermal characteristics PARAMETER MIN TYP MAX UNIT RθJC Junction to case thermal resistance 3.125 °C/W RθJA Junction to free air thermal resistance 62.5 °C/W resistive-load-switching characteristics at 25°C case temperature PARAMETER TEST CONDITIONS † MIN TYP MAX UNIT ton Turn-on time IC = 1 A VBE(off) = -4.3 V IB(on) = 0.1 A RL = 30 Ω IB(off) = -0.1 A tp = 20 µs, dc ≤ 2% 0.5 µs toff Turn-off time 2µs |
Podobny numer części - TIP31B-S |
|
Podobny opis - TIP31B-S |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |