Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7759L2TRPBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF7759L2TRPBF
Szczegółowy opis  RoHS Compliant, Halogen Free
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7759L2TRPBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF7759L2TRPBF Datasheet HTML 1Page - International Rectifier IRF7759L2TRPBF Datasheet HTML 2Page - International Rectifier IRF7759L2TRPBF Datasheet HTML 3Page - International Rectifier IRF7759L2TRPBF Datasheet HTML 4Page - International Rectifier IRF7759L2TRPBF Datasheet HTML 5Page - International Rectifier IRF7759L2TRPBF Datasheet HTML 6Page - International Rectifier IRF7759L2TRPBF Datasheet HTML 7Page - International Rectifier IRF7759L2TRPBF Datasheet HTML 8Page - International Rectifier IRF7759L2TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF7759L2TR/TR1PbF
2
www.irf.com
Notes:
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
75
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.02
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.8
2.3
m
VGS(th)
Gate Threshold Voltage
2.0
3.0
4.0
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-11
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
74
–––
–––
S
Qg
Total Gate Charge
–––
200
300
Qgs1
Pre-Vth Gate-to-Source Charge
–––
37
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
11
–––
Qgd
Gate-to-Drain Charge
–––
62
93
Qgodr
Gate Charge Overdrive
–––
91
–––
See Fig. 9
Qsw
Switch Charge (Qgs2 + Qgd)
–––
73
–––
Qoss
Output Charge
–––
60
–––
nC
RG
Gate Resistance
–––
1.1
–––
td(on)
Turn-On Delay Time
–––
18
–––
tr
Rise Time
–––
37
–––
td(off)
Turn-Off Delay Time
–––
80
–––
tf
Fall Time
–––
33
–––
Ciss
Input Capacitance
–––
12222 –––
Coss
Output Capacitance
–––
1465
–––
Crss
Reverse Transfer Capacitance
–––
609
–––
Coss
Output Capacitance
–––
7457
–––
Coss
Output Capacitance
–––
955
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ãg
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
64
96
ns
Qrr
Reverse Recovery Charge
–––
150
225
nC
pF
A
–––
–––
160
–––
–––
640
µA
nA
nC
ns
MOSFET symbol
RG=1.8Ω
VDS = 25V
Conditions
VGS = 0V, VDS = 60V, f=1.0MHz
VGS = 0V, VDS = 1.0V, f=1.0MHz
VDS = 16V, VGS = 0V
VDD = 38V, VGS = 10VÃi
VGS = 0V
ƒ = 1.0MHz
ID = 96A
VDS = 75V, VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 2mA
VGS = 10V, ID = 96A i
VDS = VGS, ID = 250µA
TJ = 25°C, IF = 96A, VDD = 38V
di/dt = 100A/µs i
TJ = 25°C, IS = 96A, VGS = 0V i
showing the
integral reverse
p-n junction diode.
ID = 96A
VDS = 60V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 10V
VDS = 25V, ID = 96A
VDS = 38V


Podobny numer części - IRF7759L2TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7759L2TRPBF IRF-IRF7759L2TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF7759L2TRPBF IRF-IRF7759L2TRPBF Datasheet
319Kb / 11P
   RoHS Compliant, Halogen Free
More results

Podobny opis - IRF7759L2TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
   RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
   RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
   RoHS Compliant & Halogen-Free
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
   RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
   RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
   RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
   RoHS Compliant & Halogen Free
logo
Advanced Power Electron...
AP9926GM-HF A-POWER-AP9926GM-HF_14 Datasheet
66Kb / 4P
   RoHS Compliant & Halogen-Free
AP2611GYT-HF A-POWER-AP2611GYT-HF_14 Datasheet
56Kb / 4P
   RoHS Compliant & Halogen-Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com