Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5-1393766-5 Arkusz danych(PDF) 4 Page - Tyco Electronics

Numer części 5-1393766-5
Szczegółowy opis  R10 Series Panel Plug-in Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

5-1393766-5 Arkusz danych(HTML) 4 Page - Tyco Electronics

  5-1393766-5 Datasheet HTML 1Page - Tyco Electronics 5-1393766-5 Datasheet HTML 2Page - Tyco Electronics 5-1393766-5 Datasheet HTML 3Page - Tyco Electronics 5-1393766-5 Datasheet HTML 4Page - Tyco Electronics 5-1393766-5 Datasheet HTML 5Page - Tyco Electronics 5-1393766-5 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
General Purpose Relays
Industrial Relays
R10 Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
Potter & Brumfield
Other Data (continued)
Terminal type
Solder/plug-in terminals, PCB-THT,
8- or 11-PIN octal type plug
Weight
23 to 40g
Packaging/unit
tray/50 pcs., box/350pcs.
Accessories
For details see datasheet
Sockets and Accessories, R10 Relays
Product Code Description
Many versions of sockets and clips available.
NOTE: Relays with contact current <50mA are not recommended for use in sockets.
Insulation Data
Initial dielectric strength
between open contacts
500Vrms
between contact and coil
1000Vrms
between adjacent contacts
1000Vrms
Initial insulation resistance
between insulated elements
10GΩ, 500VDC
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-55ºC to 75ºC
Category of environmental protection
IEC 61810
RTI - dust protected and RTIII - wash tight
Terminal dimensions
Solder terminal dimensions
Printed circuit terminal dimensions
Terminal assignment
R10 - AC Coil Diagram
Dimensions
.735 MAX.
(18.67)
1.187 MAX .
(30.15)
R10S: 1.50 MAX.
(38.1)
.406
(10.31)
.135
(3.43)
.210
(5.33)
3-48THREAD
NIB .091 DIA. x .020 HIGH
(2.31) (.51)
} TYPE E1 ONLY
.354
(8.99)
#6-32
THREAD
.375
(9.53)
.171
(4.43)
.156
(3.96)
CASE R ONLY
Recommend tape tab
be removed after
immersion cleaning
and before relay is put
in service. Peel off to
permit proper relay
ventilation.
2 POLE .950 MAX.
(24.13, 2 POLE 1R10)
4 POLE 1.165 MAX.
(29.59, 4 POLE 1R10)
6 POLE 1.375 MAX.
(34.93)
8 POLE 1.580 MAX.
(40.13)
.437
(11.10)
.59 REF.
(15.0)
STUD ON NARR OW
SIDE ONLY
CASE E
ONLY
TYPE E6 ONLY
.085 MAX.
(2.16)
TYPE E6 ONLY
.012
(.30)
.040
(1.02)
.090
(2.29)
.080
(2.03)
D
(TO TOP OF CASE)
B
A
C
A
B
C
D
Arrang.
Type 2
.131
.050
.064
1.251
Inline
Type 7
.131
.040
.013
1.20
Inline
Type 9
.170
.040
.000
1.187
Staggered
Thickness
.012
.012
.012
.013
–––
26
27
14
1 POLE
8
9
5
10
6
7
4 3 2
1
2 POLE
8
9
5
10
6
7
4 3 2
1
3 POLE
4 3 2
1
4 POLE
4 3 2
1
14
15
8
16
9
10
11
12
5
13
6
7
14
15
8
16
9
10
11
12
5
13
6
7
6 POLE
4 3 2
1
19
9
10
20
21
11
14
15
5
17
18
8
8 POLE
4 3 2
1
22
12
13
16
6
7
22
9
10
23
24
11
17
18
5
20
21
8
25
12
13
19
6
7
28
15
16
DUAL
COIL


Podobny numer części - 5-1393766-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
5-1393766-5 MACOM-5-1393766-5 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
5-1393766-5 MACOM-5-1393766-5 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
logo
TE Connectivity Ltd
5-1393766-5 TEC-5-1393766-5 Datasheet
344Kb / 6P
   1 through 8 form C (CO) contact arrangement
More results

Podobny opis - 5-1393766-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
2-1393767-0 MACOM-2-1393767-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393766-7 MACOM-2-1393766-7 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393767-2 MACOM-2-1393767-2 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393767-4 MACOM-2-1393767-4 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
R10-E1Y2-J2.5K MACOM-R10-E1Y2-J2.5K Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393143-1 MACOM-2-1393143-1 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393143-2 MACOM-2-1393143-2 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393143-4 MACOM-2-1393143-4 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393766-0 MACOM-2-1393766-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393766-8 MACOM-2-1393766-8 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com