Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD-450-100SG Arkusz danych(PDF) 3 Page - Roithner LaserTechnik GmbH

Numer części LD-450-100SG
Szczegółowy opis  Royal Blue Laser Diode 450 nm, 100mW sihgle Transverse Mode Structure: GaN
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROITHNER [Roithner LaserTechnik GmbH]
Strona internetowa  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LD-450-100SG Arkusz danych(HTML) 3 Page - Roithner LaserTechnik GmbH

  LD-450-100SG Datasheet HTML 1Page - Roithner LaserTechnik GmbH LD-450-100SG Datasheet HTML 2Page - Roithner LaserTechnik GmbH LD-450-100SG Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.roithner-laser.com
- 3 -
17/01/13
Drawing
Dimensions in mm
Electrical Connection
Lead
Description
Pin 1
LD Anode
Pin 2
Case
Pin 3
LD Cathode
Mounting Instruction
In order to maintain lifetime and stability of the laser diode it is essential to provide efficient heat
management. Heat dissipation is possible through the base plate only. For long time stable operation
proper contact between laser diode base plate and heat sink is mandatory
Safety Advice
This laser diode emits highly concentrated visible light which can be hazardous to the human eye.
This diode is classified as Class 3B laser product according to IEC 60825-1. Actual laser light
emitted and precautions necessary strongly depend on mode of operation.
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice


Podobny numer części - LD-450-100SG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Roithner LaserTechnik G...
LD-450-1400MG ROITHNER-LD-450-1400MG Datasheet
814Kb / 4P
   blue laser diode
LD-450-1600MG ROITHNER-LD-450-1600MG Datasheet
977Kb / 4P
   blue laser diode
More results

Podobny opis - LD-450-100SG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Roithner LaserTechnik G...
LD-520-50SG ROITHNER-LD-520-50SG Datasheet
520Kb / 3P
   Direct Emitting Green Laser Diode 520 nm 50 mW single Transverse Mode Structure: GaN
DL-7146-101S ROITHNER-DL-7146-101S Datasheet
542Kb / 2P
   DL-7146-101S is a GaN based, multi transverse mode, 405 nm violet laser diode in TO18 package
logo
Sony Corporation
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
SLD301V SONY-SLD301V Datasheet
66Kb / 7P
   100mW High Power Laser Diode
SLD301WT SONY-SLD301WT Datasheet
151Kb / 7P
   100mW HIGH POWER LASER DIODE
SLD301B SONY-SLD301B Datasheet
63Kb / 7P
   Block-type 100mW High Power Laser Diode
logo
Renesas Technology Corp
NV4V31SF RENESAS-NV4V31SF_15 Datasheet
295Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V31MF RENESAS-NV4V31MF Datasheet
201Kb / 8P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V31MF RENESAS-NV4V31MF_12 Datasheet
249Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V41SF RENESAS-NV4V41SF_15 Datasheet
278Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com