Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74C911 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 74C911
Szczegółowy opis  4-Digit Expandable Segment Display Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74C911 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  74C911 Datasheet HTML 1Page - Fairchild Semiconductor 74C911 Datasheet HTML 2Page - Fairchild Semiconductor 74C911 Datasheet HTML 3Page - Fairchild Semiconductor 74C911 Datasheet HTML 4Page - Fairchild Semiconductor 74C911 Datasheet HTML 5Page - Fairchild Semiconductor 74C911 Datasheet HTML 6Page - Fairchild Semiconductor 74C911 Datasheet HTML 7Page - Fairchild Semiconductor 74C911 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Truth Tables
Input Control
Output Control
R
= Refresh (digit lines sequentially pulsed)
X
= Don’t Care
Functional Description
The MM74C911 display controller is manufactured on stan-
dard metal gate CMOS technology. A single 5V 74 series
TTL supply can be used for power and should be bypassed
at the VCC pin to suppress current transients.
The digit outputs directly drive the base of a grounded
emitter digit transistor without the need of a Darlington con-
figuration. If an MM74C911 is driving a digit transistor and
also supplying digit information to a cascaded MM74C911,
base resistors are needed in the digit transistors to provide
an adequate high level to the digit inputs of the cascaded
MM74C911.
As seen in the Block Diagram, these display controllers
contain four 8-bit registers; any one may be randomly writ-
ten into. In normal operation, the internal multiplexer scans
the registers and refreshes the display. In cascaded opera-
tion, 1 MM74C911 serves as a master refresh device and
cascaded MM74C911’s are slaved to it through digit lines
operating as inputs.
The MM74C911 appears to a microprocessor as memory
and to the user as a self-scan display. Since every seg-
ment is under microprocessor control, great versatility is
obtained.
Low power standby operation occurs with both SOE and
DIO inputs HIGH. This condition forces the MM74C911 to a
quiescent state typically drawing less than 1
µA of supply
current with a standby supply voltage as low as 3V.
Logic Diagram
Digit
CE
Address
WE
Operation
K2
K1
0
0
0
0
Write Digit 1
0
0
0
1
Latch Digit 1
0
0
1
0
Write Digit 2
0
0
1
1
Latch Digit 2
0
1
0
0
Write Digit 3
0
1
0
1
Latch Digit 3
0
1
1
0
Write Digit 4
0
1
1
1
Latch Digit 4
1
X
X
X
Disable Writing
DIO
SOE
Digit Lines
Operation
D4 D3 D2 D1
0
0
RRRR
Refresh Display
0
1
RRRR
Disable Segment Outputs
1
0
0000
Digits Are Now Inputs
1
0
0001
Display Digit 1
1
0
0010
Display Digit 2
1
0
0100
Display Digit 3
1
0
1000
Display Digit 4
1
1
0000
Power Saver Mode


Podobny numer części - 74C911

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74C915 NSC-74C915 Datasheet
214Kb / 4P
   MM54C915/MM74C915 7-Segment-to-BCD Converter
More results

Podobny opis - 74C911

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OKI electronic componet...
MSC7110-01 OKI-MSC7110-01 Datasheet
203Kb / 18P
   12-Segment x 16-Digit or 16-Segment x12-Digit Display Controller/Driver
MSC1937-01 OKI-MSC1937-01 Datasheet
132Kb / 16P
   14/16-Segment x 16-Digit Display Controller/Driver
logo
LUMEX INC.
LDD-SMHTC3904RI-SI LUMEX-LDD-SMHTC3904RI-SI Datasheet
103Kb / 2P
   7 Segment Dual Digit Display
LDS-SMHTA5604RISIT LUMEX-LDS-SMHTA5604RISIT Datasheet
172Kb / 2P
   7 Segment Single Digit Display
logo
Marktech Corporate
MTN1130-ASR MARKTECH-MTN1130-ASR Datasheet
49Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY
MTN1136-ASR MARKTECH-MTN1136-ASR Datasheet
49Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY?
MTN1140-ASR MARKTECH-MTN1140-ASR Datasheet
51Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY?
MTN1156-ASR MARKTECH-MTN1156-ASR Datasheet
51Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY?
logo
LUMEX INC.
LDD-SMHTM5602RISUG LUMEX-LDD-SMHTM5602RISUG Datasheet
177Kb / 2P
   7 Segment Dual Digit Display
logo
ABCircuits
SER7 ABCIRCUITS-SER7 Datasheet
245Kb / 11P
   Serial to Seven Segment Controller Expandable to 32 digits
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com